Electronic Components Datasheet Search
  English  ▼

X  

CS8427-CSZR Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 41Page - Cirrus Logic CS8427-CSZR Datasheet HTML 42Page - Cirrus Logic CS8427-CSZR Datasheet HTML 43Page - Cirrus Logic CS8427-CSZR Datasheet HTML 44Page - Cirrus Logic CS8427-CSZR Datasheet HTML 45Page - Cirrus Logic CS8427-CSZR Datasheet HTML 46Page - Cirrus Logic CS8427-CSZR Datasheet HTML 47Page - Cirrus Logic CS8427-CSZR Datasheet HTML 48Page - Cirrus Logic CS8427-CSZR Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
CS8427
DS477F4
45
ILRCK
12
Serial Audio Input Left/Right Clock (Input/Output) - Word rate clock for the audio data on
the SDIN pin.
ISCLK
13
Serial Audio Bit Clock (Input/Output) - Serial bit clock for audio data on the SDIN pin.
SDIN
14
Serial Audio Data Port (Input) - Audio data serial input pin.
TCBL
15
Transmit Channel Status Block Start (Input/Output) - When operated as output, TCBL is
high during the first sub-frame of a transmitted channel status block, and low at all other times.
When operated as input, driving TCBL high for at least three OMCK clocks will cause the next
transmitted sub-frame to be the start of a channel status block.
OSCLK
16
Serial Audio Output Bit Clock (Input/Output) - Serial bit clock for audio data on the SDOUT
pin
OLRCK
17
Serial Audio Output Left/Right Clock (Input/Output) - Word rate clock for the audio data on
the SDOUT pin. Frequency will be the output sample rate (Fs)
SDOUT
18
Serial Audio Output Data (Output) - Audio data serial output pin
AUDIO/V
19
Audio Channel Status Bit / V-Bit (Input/Output) - Reflects either the state of the audio/non-
audio Channel Status bit in the incoming AES3 data stream or is the Validity bit data input for
the AES3 transmitted data stream, clocked by OLRCK.
PRO/C
20
PRO Channel Status Bit / C-Bit (Input/Output) - Reflects either the state of the Profes-
sional/Consumer Channel Status bit in the incoming AES3 data stream or is the serial C-bit
input for the AES3 transmitted data, clocked by OLRCK.
APMS
21
Serial Audio Input Port Master/Slave Select (Input) - APMS should be connected to VL+ to
set serial audio input port as a master, or connected to DGND to set the port as a slave.
VL+
VL2+
23
27
Positive Digital Power (Input) - Typically +3.3 V or +5.0 V.
H/S
24
Hardware/Software Mode Control (Input) - Determines the method of controlling the opera-
tion of the CS8427, and the method of accessing CS and U data. In software mode, device
control and CS and U data access is primarily through the control port, using a microcontroller.
Hardware mode provides an alternate mode of operation and access to the CS and U data
through dedicated pins. This pin should be permanently tied to VL+ or DGND
TXP
TXN
25
26
Differential Line Driver (Output) - Drivers transmit AES3 data and are pulled low while the
CS8427 is in the reset state.
ORIG
28
ORIG Channel Status Bit (Output) - SCMS generation indicator. This is decoded from the
incoming category code and the L bit. A low output indicates that the source of the audio data
stream is a copy. A high indicates that the source of the audio data stream is an original
recording. This is also a start-up option pin, and requires a pull-up or pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com