Electronic Components Datasheet Search
  English  ▼

X  

CS8427-CSZR Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 33Page - Cirrus Logic CS8427-CSZR Datasheet HTML 34Page - Cirrus Logic CS8427-CSZR Datasheet HTML 35Page - Cirrus Logic CS8427-CSZR Datasheet HTML 36Page - Cirrus Logic CS8427-CSZR Datasheet HTML 37Page - Cirrus Logic CS8427-CSZR Datasheet HTML 38Page - Cirrus Logic CS8427-CSZR Datasheet HTML 39Page - Cirrus Logic CS8427-CSZR Datasheet HTML 40Page - Cirrus Logic CS8427-CSZR Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
CS8427
DS477F4
37
11.17 User Data Buffer Control (13h)
UD - User data pin (U) direction specifier If this bit is changed during normal operation, then always stop the CS8427
first (RUN = 0), write the new value, then start the CS8427 (RUN = 1).
Default = ‘0’
0 - The U pin is an input. The U data is latched in on both rising and falling edges of
OLRCK. This setting also chooses the U pin as the source for transmitted U data.
1 - The U pin is an output. The received U data is clocked out on both rising and falling edges
of ILRCK. This setting also chooses the U data buffer as the source of transmitted U data.
UBM1:0 - Sets the operating mode of the AES3 U bit manager
Default = ‘00’
00 - Transmit all zeros mode
01 - Block mode
10 - Reserved
11 - Reserved
DETUI - D to E U-data buffer transfer inhibit bit (valid in block mode only).
Default = ‘0’
0 - Allow U-data D to E buffer transfers
1 - Inhibit U-data D to E buffer transfers
EFTUI - E to F U-data buffer transfer inhibit bit (valid in block mode only).
Default = ‘0’
0 - Allow U-data E to F buffer transfers
1 - Inhibit U-data E to F buffer transfer
11.18 Q-Channel Subcode Bytes 0 to 9 (14h - 1Dh) (Read Only)
The following 10 registers contain the decoded Q-channel subcode data
Each byte is LSB first with respect to the 80 Q-subcode bits Q[79:0]. Thus bit 7 of address 14h is Q[0]
while bit 0 of address 14h is Q[7]. Similarly bit 0 of address 1Dh corresponds to Q[79].
7
6
5
4
32
10
0
0
0
UD
UBM1
UBM0
DETUI
EFTUI
7
6
5
4
32
10
CONTROL
CONTROL
CONTROL
CONTROL
ADDRESS
ADDRESS
ADDRESS
ADDRESS
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ABS MINUTE
ABS MINUTE
ABS MINUTE
ABS MINUTE
ABS MINUTE
ABS MINUTE
ABS MINUTE
ABS MINUTE
ABS SECOND
ABS SECOND
ABS SECOND
ABS SECOND
ABS SECOND
ABS SECOND
ABS SECOND
ABS SECOND
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com