Electronic Components Datasheet Search
  English  ▼

X  

CS8427-CSZR Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 21Page - Cirrus Logic CS8427-CSZR Datasheet HTML 22Page - Cirrus Logic CS8427-CSZR Datasheet HTML 23Page - Cirrus Logic CS8427-CSZR Datasheet HTML 24Page - Cirrus Logic CS8427-CSZR Datasheet HTML 25Page - Cirrus Logic CS8427-CSZR Datasheet HTML 26Page - Cirrus Logic CS8427-CSZR Datasheet HTML 27Page - Cirrus Logic CS8427-CSZR Datasheet HTML 28Page - Cirrus Logic CS8427-CSZR Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
CS8427
DS477F4
25
9. CONTROL PORT DESCRIPTION AND
TIMING
The control port is used to access the registers, al-
lowing the CS8427 to be configured for the desired
operational modes and formats. In addition, Chan-
nel Status and User data may be read and written
through the control port. The operation of the con-
trol port may be completely asynchronous with re-
spect to the audio sample rates. However, to avoid
potential interference problems, the control port
pins should remain static if no operation is re-
quired.
The control port has two modes: SPI and I²C, with
the CS8427 acting as a slave device. SPI mode is
selected if there is a high to low transition on the
AD0/CS pin after the RST pin has been brought
high. I²C mode is selected by connecting the
AD0/CS pin to VL+ or DGND, thereby permanently
selecting the desired AD0 bit address state.
9.1
SPITM Mode
In SPI mode, CS is the CS8427 chip select signal;
CCLK is the control port bit clock (input into the
CS8427 from the microcontroller); CDIN is the in-
put data line from the microcontroller; CDOUT is
the output data line to the microcontroller. Data is
clocked in on the rising edge of CCLK and out on
the falling edge.
Figure 17 shows the operation of the control port in
SPI mode. To write to a register, bring CS low. The
first seven bits on CDIN form the chip address and
must be 0010000b. The eighth bit is a read/write
indicator (R/W), which should be low to write. The
next eight bits form the Memory Address Pointer
(MAP), which is set to the address of the register
that is to be updated. The next eight bits are the
data which will be placed into the register designat-
ed by the MAP. During writes, the CDOUT output
stays in the Hi-Z state. It may be externally pulled
high or low with a 47 k
Ω resistor, if desired.
There is a MAP auto increment capability, enabled
by the INCR bit in the MAP register. If INCR is a ze-
ro, the MAP will stay constant for successive read
or writes. If INCR is set to a 1, then the MAP will au-
toincrement after each byte is read or written, al-
lowing block reads or writes of successive
registers.
To read a register, the MAP has to be set to the
correct address by executing a partial write cycle
which finishes (CS high) immediately after the
MAP byte. The MAP auto increment bit (INCR)
may be set or not, as desired. To begin a read,
bring CS low, send out the chip address, and set
the read/write bit (R/W) high. The next falling edge
of CCLK will clock out the MSB of the addressed
register (CDOUT will leave the high impedance
state). If the MAP auto increment bit is set to 1, the
data for successive registers will appear consecu-
tively.
9.2
I²C Mode
In I²C mode, SDA is a bidirectional data line. Data
is clocked into and out of the part by SCL, with the
clock to data relationship as shown in Figure 18.
There is no CS pin. Each individual CS8427 is giv-
en a unique address. Pins AD0 and AD1 form the
two least significant bits of the chip address and
should be connected to VL+ or DGND as desired.
The EMPH pin is used to set the AD2 bit, by con-
necting a resistor from the EMPH pin to VL+ or to
DGND. The state of the pin is sensed while the
CS8427 is being reset. The upper four bits of the
seven bit address field are fixed at 0010b. To com-
municate with a CS8427, the chip address field,
which is the first byte sent to the CS8427, should
be 0010b followed by the settings of the EMPH,
AD1, and AD0. The eighth bit of the address is the
R/W bit. If the operation is a write, the next byte is
the Memory Address Pointer (MAP) which selects
the register to be read or written. If the operation is
a read, the contents of the register pointed to by
the MAP will be output. Setting the auto increment
bit in MAP allows successive reads or writes of
consecutive registers. Each byte is separated by
an acknowledge bit, ACK, which is output from the
CS8427 after each input byte is read. The ACK bit
is input to the CS8427 from the microcontroller af-
ter each transmitted byte. I²C mode is supported
only with VL+ = 5.0 V.
9.3
Interrupts
The CS8427 has a comprehensive interrupt capa-
bility. The INT output pin is intended to drive the in-
terrupt input pin on the host microcontroller. The
INT pin may be set to be active low, active high, or
active low with no active pull-up transistor. This last



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com