Electronic Components Datasheet Search
  English  ▼

X  

MA4SPS302 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS302
Description  SURMOUNTTM PIN Diode RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS302 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS302 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS302 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS302 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS302 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SURMOUNTTM PIN Diode
RoHS Compliant
Rev. V3
MA4SPS302
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
♦ Surface Mount
♦ No Wire Bonding Required
♦ Rugged Silicon-Glass Construction
♦ Silicon Nitride Passivation
♦ Polymer Scratch Protection
♦ Low Parasitic Capacitance and Inductance
♦ High Average and Peak Power Handling
♦ RoHS Compliant
Description
This device is a Silicon-Glass PIN diode chip
fabricated
with
M/A-COM’s
patented
HMIC
TM
process. This device features two silicon pedestals
embedded in a low loss, low dispersion glass. The
diode is formed on the top of one pedestal and
connections to the backside of the device are
facilitated
by
making
the
pedestal
sidewalls
electrically
conductive.
Selective
backside
metallization is applied producing a surface mount
device. This vertical conic topology provides for
exceptional heat transfer from the active area. The
topside is fully encapsulated with silicon nitride and
has an additional polymer layer for scratch and
impact protection. These protective coatings prevent
damage to the junction and the anode air-bridge
during handling and assembly.
Parameter
Absolute Maximum
Forward Current
600mA
Reverse Voltage
| -100V |
Operating Temperature
-55°C to +125°C
Storage Temperature
-55 °C to +150°C
Junction Temperature
+175°C
Dissipated Power
( RF & DC )
800mW
Mounting Temperature
+260°C for 30 seconds
Absolute Maximum Ratings
TAMB = 25°C (unless otherwise specified)
MA4SPS302
1. Backside metal: 0.1 µM thick.
2. Yellow hatched areas indicate backside ohmic gold
DIM
INCHES
MM
Min.
Max.
Min.
Max.
A
0.052
0.056
1.321
1.422
B
0.020
0.024
0.508
0.610
C
0.004
0.006
0.102
0.152
D
0.018
0.020
0.457
0.508
E
0.014
0.016
0.356
0.406


Similar Part No. - MA4SPS302

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SPS302 MACOM-MA4SPS302 Datasheet
407Kb / 3P
Surface Mount Monolithic PIN Diode Chip
logo
M/A-COM Technology Solu...
MA4SPS302 MA-COM-MA4SPS302 Datasheet
125Kb / 4P
SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS302-V4 MA-COM-MA4SPS302-V4 Datasheet
125Kb / 4P
SURMOUNTTM PIN Diode
MA4SPS302 MA-COM-MA4SPS302_15 Datasheet
125Kb / 4P
SURMOUNT PIN Diode
MA4SPS302_V4 MA-COM-MA4SPS302_V4 Datasheet
125Kb / 4P
SURMOUNTTM PIN Diode RoHS Compliant
More results

Similar Description - MA4SPS302

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4FCP305 MA-COM-MA4FCP305 Datasheet
110Kb / 3P
Flip Chip PIN Diode RoHS Compliant
MA4SPS402 MA-COM-MA4SPS402 Datasheet
161Kb / 7P
SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS302_V4 MA-COM-MA4SPS302_V4 Datasheet
125Kb / 4P
SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS402_V6 MA-COM-MA4SPS402_V6 Datasheet
210Kb / 7P
SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
SURMOUNTTM PIN Diode
MA4SPS552 MA-COM-MA4SPS552 Datasheet
146Kb / 6P
SURMOUNTTM PIN Diode
MA4SPS302-V4 MA-COM-MA4SPS302-V4 Datasheet
125Kb / 4P
SURMOUNTTM PIN Diode
MA4SPS402 MA-COM-MA4SPS402 Datasheet
210Kb / 7P
SURMOUNTTM PIN Diode
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
SURMOUNTTM PIN Diode
MA4SPS552-V1 MA-COM-MA4SPS552-V1 Datasheet
146Kb / 6P
SURMOUNTTM PIN Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com