Electronic Components Datasheet Search
  English  ▼

X  

MA4SPS302 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS302
Description  SURMOUNTTM PIN Diode RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS302 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS302 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS302 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS302 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS302 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SURMOUNTTM PIN Diode
RoHS Compliant
Rev. V3
MA4SPS302
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TAMB = +25°C
1.
Total Capacitance, CT, is equivalent to the sum of Junction Capacitance and Parasitic Capacitance.
CT = CJ (Junction Capacitance) + CPAR (Parasitic Capacitance)
2.
Series resistance RS is equivalent to the total diode resistance:
RS = RJ (Junction Capacitance Junction Resistance) + RO (Ohmic Resistance)
3
RS and CT are measured on an HP4291A Impedance Analyzer with die mounted in an ODS-186 package
with conductive silver epoxy.
Symbol
Conditions
Units
Min
Typ
Max
CT
1
-40V, 1MHz
pF
0.40
0.45
CT
1,3
-40V, 1GHz
pF
0.36
RS
2,3
10mA, 100MHz
W
1.3
2.2
VF
10mA
V
0.84
1.00
VR
-10µA
V
-70
-100
IR
-70 V
nA
100
1000
RqJL
4
IH=1A, IL=10mA
°C/W
125
TL
+10mA / -6mA
ns
460
0
1
2
3
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
500uA
1mA
2mA
10mA
50mA
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0
100
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
0V
-5V
-40V
Rs vs. Forward Current and Frequency
CT vs. Reverse Voltage and Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com