Electronic Components Datasheet Search
  English  ▼

X  

MA4SPS302 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS302
Description  SURMOUNTTM PIN Diode RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS302 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS302 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS302 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS302 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS302 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
SURMOUNTTM PIN Diode
RoHS Compliant
Rev. V3
MA4SPS302
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling
All semiconductor chips should be handled with care to avoid damage or contamination from perspiration and skin
oils. The use of plastic tipped tweezers or vacuum pickups is strongly recommended for individual components.
Bulk handling should insure that abrasion and mechanical shock are minimized.
Die Attach
Attachment to a circuit board is made simple through the use of surface mount technology. Mounting pads are
conveniently located on the bottom surface of these devices and are removed from the active junction locations.
These devices are well suited for solder attachment onto hard and soft substrates. The use of 80/20, Au/Sn,
60/40, Sn/Pb or RoHS compliant solders is recommended. Conductive silver epoxy solder may also be used but
could result in an increase in series and thermal resistance.
When soldering these devices to a hard substrate, hot gas die bonding is preferred. We recommend utilizing a
vacuum tip and force of 60 to 100 grams applied to the top surface of the device. When soldering to soft
substrates, it is recommended to use a lead-tin interface at the circuit board mounting pads. Position the die so
that its mounting pads are aligned with the circuit board mounting pads and reflow the solder by heating the circuit
trace near the mounting pads while applying 60 to 100 grams of force perpendicular to the top surface of the die.
The solder joint must not be made one pad at a time. Doing so could create unequal heat flow and produce
thermal and/or mechanical stresses to the die . It is also not recommended to reflow solder by causing heat to
flow through the top surface of the die. Since the HMIC glass is transparent, the edges of the mounting pads can
be visually inspected through the die after attach is completed.
Recommended temperature and re-flow profiles for 60/40, Sn/Pb and RoHS compliant solders are provided in
Application Note M538 , “Surface Mounting Instructions“.
Application Note M541 “Bonding and Handling
Procedures for Chip Diode Devices” provides handling and assembly recommendations.
Ordering Information
The MA4SPS302 SURMOUNT are packaged in gel packs.
Part Number
Gel Pack
MA4SPS302



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com