Electronic Components Datasheet Search
  English  ▼

X  

STM8L151C4 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8L151C4
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8L151C4 Datasheet HTML 58Page - STMicroelectronics STM8L151C4 Datasheet HTML 59Page - STMicroelectronics STM8L151C4 Datasheet HTML 60Page - STMicroelectronics STM8L151C4 Datasheet HTML 61Page - STMicroelectronics STM8L151C4 Datasheet HTML 62Page - STMicroelectronics STM8L151C4 Datasheet HTML 63Page - STMicroelectronics STM8L151C4 Datasheet HTML 64Page - STMicroelectronics STM8L151C4 Datasheet HTML 65Page - STMicroelectronics STM8L151C4 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 101 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
62/101
Doc ID 15962 Rev 2
IDD(RUN)
Supply
current in
run mode
All peripherals
OFF, code
executed from
Flash,
VDD from 1.65 V
to 3.6 V
HSI RC osc.
fCPU = 125 kHz TBD TBD TBD
TBD
TBD
mA
fCPU = 1 MHz
0.7
TBD
TBD
TBD
TBD
fCPU = 4 MHz
1.4
TBD
TBD
TBD
TBD
fCPU = 8 MHz
2.3
TBD
TBD
TBD
TBD
fCPU = 16 MHz TBD TBD TBD
TBD
TBD
HSE
external
clock
(16 MHz)
fCPU = 125 kHz TBD TBD TBD
TBD
TBD
fCPU = 1 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 4 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 8 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 16 MHz TBD TBD TBD
TBD
TBD
LSI RC osc.
fCPU = LSI
TBD
LSE external
clock
(32.768 kHz)
fCPU = LSE
TBD TBD
TBD
TBD
TBD
1.
Based on characterization results, unless otherwise specified
2.
All peripherals OFF, VDD from 1.65 V to 3.6 V, HSI internal RC osc. , fCPU=fSYSCLK
3.
For devices with suffix 6.
4.
For devices with suffix 3.
5.
CPU executing typical data processing
6.
Data guaranteed, each individual device tested in production.
Table 17.
Total current consumption in Run mode(1) (continued)
Symbol
Parameter
Conditions(2)
Typ
Max
Unit
55°C
85 °C
(3)
105 °C
(4)
125 °C
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com