Electronic Components Datasheet Search
  English  ▼

X  

MP240 Datasheet(PDF) 1 Page - Cirrus Logic

Part # MP240
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP240 Datasheet(HTML) 1 Page - Cirrus Logic

  MP240 Datasheet HTML 1Page - Cirrus Logic MP240 Datasheet HTML 2Page - Cirrus Logic MP240 Datasheet HTML 3Page - Cirrus Logic MP240 Datasheet HTML 4Page - Cirrus Logic MP240 Datasheet HTML 5Page - Cirrus Logic MP240 Datasheet HTML 6Page - Cirrus Logic MP240 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP240
MP240U
1
MP240
GENERAL DESCRIPTION
The MP240 operational amplifier is a surface mount
constructed component that provides a cost effective
solution in many industrial applications. The MP240
offers outstanding performance that rivals much more
expensive hybrid components yet has a footprint of
only 4.7 sq in. The MP240 has many optional fea-
tures such as four-wire current limit sensing, a shut-
down control and external compensation. In addition,
the class A/B output stage biasing can be turned off
for lower quiescent current with class C operation in
applications where crossover distortion is less impor-
tant such as when driving motors, for example. A boost
voltage feature biases the output stage for close linear
swings to the supply rail for extra efficient operation.
The MP240 is built on a thermally conductive but elec-
trically insulating substrate that can be mounted to a
heat sink.
FEATURES
♦ LOW COST
♦ HIGH VOLTAGE - 200 VOLTS
♦ HIGH OUTPUT CURRENT - 20 AMPS
♦ 170 WATT DISSIPATION CAPABILITY
APPLICATIONS
♦ MOTOR DRIVE
♦ MAGNETIC DEFLECTION
♦ PROGRAMMABLE POWER SUPPLIES
♦ INDUSTRIAL AUDIO AMPLIFIER
Power Operational Amplifier
MP240
P r o d u c t I n n o v a t i o n F r o m
EQUIVALENT CIRCUIT DIAGRAM
R1
41
42
R11
R7
R9
Q1A
Q1B
Q11A
Q11B
R2
R10
R8
Q10
Q15
R14
+Vs
-IN
+IN
-Vs
+Vb
R6
Q2
C2
R3
R13
Q14
-Vb
Q3
Q13
R12
R5
Q5
Q6
D1
Q4
Cc1
Cc2
1
4
6
38
C1
C3
40
GND
2
GND
R4
Q17
D2
+I
LIM
36
35 -ILIM
D3
Q18
Q19
OUT
OUT
12-14
9-11
24-26
27-29
LEVEL
SHIFT
3.9k
R13
R15
Q20
Q21
R16
Q16
7
8
LSD
HSD
Iq 5
Q3A
Q13A
R12A
R5A
+Vs
18-20
OUT
15-17
OUT
30-32
-Vs
21-23
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
SEP 2009
APEX − MP240UREVH


Similar Part No. - MP240

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP240 APEX-MP240 Datasheet
353Kb / 5P
POWER OPERATIONAL AMPLIFIER
logo
CTS Corporation
MP240 CTS-MP240 Datasheet
133Kb / 5P
Quartz Crystal
logo
Cirrus Logic
MP240 CIRRUS-MP240 Datasheet
575Kb / 7P
Power Operational Amplifier
logo
Monolithic Power System...
MP2403 MPS-MP2403 Datasheet
345Kb / 13P
3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
MP2403DN MPS-MP2403DN Datasheet
345Kb / 13P
3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
More results

Similar Description - MP240

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
List of Unclassifed Man...
TPA12 ETC2-TPA12 Datasheet
147Kb / 5P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com