Electronic Components Datasheet Search
  English  ▼

X  

MP240 Datasheet(PDF) 4 Page - Cirrus Logic

Part # MP240
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP240 Datasheet(HTML) 4 Page - Cirrus Logic

  MP240 Datasheet HTML 1Page - Cirrus Logic MP240 Datasheet HTML 2Page - Cirrus Logic MP240 Datasheet HTML 3Page - Cirrus Logic MP240 Datasheet HTML 4Page - Cirrus Logic MP240 Datasheet HTML 5Page - Cirrus Logic MP240 Datasheet HTML 6Page - Cirrus Logic MP240 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP240
4
MP240U
FREQUENCY
0
20
40
60
80
100
120
10
100
1K
10K 100K 1M 2M
1 - CC = 100pF
2 - CC = 330pF
3 - CC = 680pF
RL = 2.5Ω
1
2
3
SMALL SIGNAL RESPONSE W/ BOOST
SMALL SIGNAL RESPONSE W/O BOOST
FREQUENCY, F(Hz)
0
20
40
60
80
100
120
10
100
1K
10K 100K 1M 2M
1
2
3
1 - CC = 100pF
2 - CC = 330pF
3 - CC = 680pF
RL = 2.5Ω
W/O BOOST
FROM
-VS
W/O BOOST
FROM +VS
WITH
BOOST
FROM
-V S
WITH
BOOST
FROM
+VS
0
5
10
15
20
0
2
4
6
OUTPUT CURRENT, IO (A)
OUTPUT VOLTAGE SWING
TC = 25ºC
50mS PULSE
1
3
5
7
-40 -20
0
20 40
60
80 100
0
50
100
150
POWER DERATING
CASE TEMPERATURE. TC (°C)
-50 -25
0
25
50
75
100
70
80
90
100
110
120
130
CASE TEMPERATURE. TC (°C)
CURRENT LIMIT
-40 -20
0
20
40
60
80 100
90
100
110
120
130
QUIESCENT CURRENT vs TEMPERATURE
CASE TEMPERATURE, (°C)
30
100
1K
10K 30K
FREQUENCY, F (Hz)
HARMONIC DISTORTION
AV = 16
CC = 100pF
+/-VS = 60V
RL = 8Ω
PO = 1W
PO = 10W
PO = 150W
0.001
0.01
0.1
1
10
10mS, TC = 25°C
100mS, TC = 25°C
DC, TC = 25°C
DC, TC = 85°C
PHASE RESPONSE W/O BOOST
FREQUENCY, F(Hz)
100K
1M
2M
180
150
120
90
CC = 680pF
CC = 100pF
RL = 2.5Ω
CC = 330pF
50K
PHASE RESPONSE W/BOOST
FREQUENCY, F(Hz)
100K
1M
2M
180
150
120
90
CC = 680pF
CC = 330pF
CC = 100pF
RL = 2.5Ω
50K
POWER RESPONSE
20
200
FREQUENCY, F(Hz)
1K
100K
500K
10K
100
TC =
25°C
T C
= -40°CTC =
85°C
TOTAL SUPPLY VOLTAGE, VS (V)
QUIESCENT CURRENT VS SUPPLY
40
80
120
160
200
0
40
80
120
160
200
SAFE OPERATING AREA
SUPPLY TO OUTPUT DIFFERENTIAL, V
S - VO (V)
1
10
100 200
30
10
1
0.5
200
5
TYPICAL PERFORMANCE GRAPHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com