Electronic Components Datasheet Search
  English  ▼

X  

MP240 Datasheet(PDF) 3 Page - Cirrus Logic

Part # MP240
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP240 Datasheet(HTML) 3 Page - Cirrus Logic

  MP240 Datasheet HTML 1Page - Cirrus Logic MP240 Datasheet HTML 2Page - Cirrus Logic MP240 Datasheet HTML 3Page - Cirrus Logic MP240 Datasheet HTML 4Page - Cirrus Logic MP240 Datasheet HTML 5Page - Cirrus Logic MP240 Datasheet HTML 6Page - Cirrus Logic MP240 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP240
MP240U
3
NOTES:
1. Unless otherwise noted: T
C = 25°C, compensation CC = 680pF, DC input specifications are ± value
given, power supply voltage is typical rating. Amplifier operated without boost feature.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
internal power dissipation to achieve high MTBF.
3. Doubles for every 10°C of case temperature increase.
4. +V
S and -VS denote the + and - output stage supply voltages. +VB and -VB denote the + and - input
stage supply voltages (boost voltages).
5. Rating applies if the output current alternates between both output transistors at a rate faster than
60Hz.
6. Power supply voltages +V
B and -VB must not be less than +VS and -VS respectively.
Parameter
Test Conditions
Min
Typ
Max
Units
SETTLING TIME, to 0.1%
A
V = -1, 10V Step, CC = 680pF
5
µS
RESISTANCE, open loop
DC, 10A Load
0.2
Ω
POWER SUPPLY
VOLTAGE
±15
±75
±100
V
CURRENT, quiescent, total
16.5
25
mA
CURRENT, shutdown or class C quiescent
8.5
mA
CURRENT, boost supply
8.5
mA
THERMAL
RESISTANCE, AC, junction to case (Note 5) Full temp range, f ≥ 60Hz
0.58
°C/W
RESISTANCE, DC, junction to case
Full temp range, f < 60Hz
0.73
°C/W
RESISTANCE, junction to air
Full temp range
14
°C/W
TEMPERATURE RANGE, case
-40
85
°C
-IN +IN
+Vb
-Vb
Cc2
OUT
GND
GND
1
2
3
4
5
6
7
8
39
40
37
38
36
35
34
33
41
42
-Vs
OUT
Cc1
NC
-Vs
-ILIM
+ILIM
Cc
NOTES:
CC IS NPO (COG) RATED FOR FULL SUPPLY VOLTAGE +VS TO -VS.
BOTH PINS 2 AND 40 REQUIRED CONNECTED TO SIGNAL GROUND.
C2 AND C3 ELECTROLYTIC ≤10µF PER AMP OUTPUT CURRENT.
C1 AND C4 HIGH QUALITY CERAMIC ≤0.1µF.
SEE TEXT FOR SELECTION OF VALUES FOR Rs1 - Rs4.
VIEW FROM COMPONENT SIDE
PHASE COMPENSATION
GAIN W/O BOOST
CC
≤1
680pF
330pF
≤3
100pF
≤10
+
C1
C2
C4
+
C3
RLIM
9
10
11
12
30
32
31
29
+Vs
+Vs
+Vs
-Vs
OUT
OUT
OUT
OUT
NC
20
13
14
15
16
17
18
19
24
23
22
25
26
27
28
21
+Vs
+Vs +Vs
OUT
OUT
OUT
-Vs
-Vs
-Vs
OUT
OUT
OUT
LOAD &
NC
NC
NC
LSD HSD
FEEDBACK
GAIN W/BOOST TYP. SLEW RATE
≤3
3V/µS
6V/µS
≤6
14V/µS
≤13
Iq
Rs1
Rs4
Rs3
Rs2
EXTERNAL CONNECTIONS
42-Pin DIP
Package Style FC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com