Electronic Components Datasheet Search
  English  ▼

X  

PA05 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA05
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA05 Datasheet(HTML) 1 Page - Cirrus Logic

  PA05 Datasheet HTML 1Page - Cirrus Logic PA05 Datasheet HTML 2Page - Cirrus Logic PA05 Datasheet HTML 3Page - Cirrus Logic PA05 Datasheet HTML 4Page - Cirrus Logic PA05 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA05 • PA05A
PA05U
1
PA05, PA05A
The JEDEC MO-127 12-pin Power Dip™ package (see
Package Outlines) is hermetically sealed and isolated from
the internal circuits.The use of compressible thermal washers
and/or improper mounting torque will void the product warranty.
Please see “General Operating Considerations”.
TYPICAL APPLICATION
The high power bandwidth of the PA05 allows driving sonar
transducers via a resonant circuit including the transducer and
a matching transformer. The load circuit appears resistive to
the PA05. Control logic turns off the amplifier's output during
shutdown.
EXTERNAL CONNECTIONS
PHASE COMPENSATION
Gain
C
C
R
C
1
470pF
120Ω
>3
220pF
120Ω
≥10
82pF
120Ω
C
C RATED FOR FULL SUPPLY VOLTAGE
*See BOOST OPERATION paragraph.
FEATURES
•HIGHINTERNALDISSIPATION—250WATTS
•HIGHVOLTAGE,HIGHCURRENT—100V,30A
•HIGHSLEWRATE—100V/µS
•4WIRECURRENTLIMITSENSING
•LOWDISTORTION
•EXTERNALSHUTDOWNCONTROL
•OPTIONALBOOSTVOLTAGEINPUTS
•EVALUATIONKIT—SEEEK09
APPLICATIONS
•LINEARANDROTARYMOTORDRIVES
•sonartransducerdriver
•YOKE/MAGNETICFIELDEXCITATION
•PROGRAMMABLEPOWERSUPPLIESTO±45V
•AUDIOUPTO500W
DESCRIPTION
The PA05 is a high voltage MOSFET power operational
amplifier that extends the performance limits of power ampli-
fiers in slew rate and power bandwidth, while maintaining high
current and power dissipation ratings.
The PA05 is a highly flexible amplifier.The shutdown control
feature allows the output stage to be turned off for standby
operation or load protection during fault conditions. Boost
voltage inputs allow the small signal portion of the amplifier to
operate at a higher voltage than the high current output stage.
The amplifier is then biased to achieve close linear swings to
the supply rails at high currents for extra efficient operation.
External compensation tailors slew rate and bandwidth per-
formance to user needs. A four wire sense technique allows
precision current limiting without the need to consider internal
or external milliohm parasitic resistance in the output line.The
output stage is protected by thermal limiting circuits above
junction temperatures of 175°C.
EQUIVALENTSCHEMATIC
12
9
5
6
8
10
SHUTDOWN
+VBOOST
–IN
–VBOOST
+IN
+Vs
ILIM
ILIM
OUT
–Vs
BIAS
7
4
3
COMP
2
1
11
Q12
Q13
Q1
Q8
Q4
Q5
Q10
Q16
Q17
Q22
Q14
Q18
Q24
Q21
Q25
Q29
Q30
Q33
D1
D6
D9
D5
D19
D20
D27
D31
D4
CONTROL
LOGIC
ULTRA-
SONIC
DRIVE
R f
R i
1
12
2
10
11
R CL
TUNED
TRANSFORMER
PA05
7
TOP
VIEW
–INPUT
+INPUT
SHUTDOWN
CURRENT LIMIT
CURRENT LIMIT
CC R C
1
2
3
4
5
6
12
11
10
9
8
7
TOP
VIEW
COMP
–VBOOST
–SUPPLY
+VBOOST
+SUPPLY
OUTPUT
*
*
COMP
12-PINPOWERDIP
PACKAGESTYLECR
Power Operational Amplifier
PA05 • PA05A
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PA05UREVJ


Similar Part No. - PA05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA05 APEX-PA05 Datasheet
292Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
AZ Displays
PA050XS1 AZDISPLAYS-PA050XS1 Datasheet
695Kb / 26P
This technical specification applies to 5inch color TFT-LCD module , PA050XS1.
logo
Pulse A Technitrol Comp...
PA0510NL PULSE-PA0510NL Datasheet
140Kb / 2P
SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
PA0510NL PULSE-PA0510NL Datasheet
1Mb / 5P
SMT Gate Drive Transformers
PA0510NL PULSE-PA0510NL Datasheet
1Mb / 5P
1500VDC isolation between Gate and Drive
More results

Similar Description - PA05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
List of Unclassifed Man...
TPA12 ETC2-TPA12 Datasheet
147Kb / 5P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com