Electronic Components Datasheet Search
  English  ▼

X  

PA05 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA05
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA05 Datasheet(HTML) 4 Page - Cirrus Logic

  PA05 Datasheet HTML 1Page - Cirrus Logic PA05 Datasheet HTML 2Page - Cirrus Logic PA05 Datasheet HTML 3Page - Cirrus Logic PA05 Datasheet HTML 4Page - Cirrus Logic PA05 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA05 • PA05A
4
PA05U
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.cirrus.com for design tools that help
automate tasks such as calculations for stability, internal power
dissipation, current limit; heat sink selection; Apex Precision
Power’s completeApplication Notes library;Technical Seminar
Workbook; and Evaluation Kits.
CURRENT LIMIT
The two current limit sense lines are to be connected directly
across the current limit sense resistor. For the current limit to
work correctly,pin 11 must be connected to the amplifier output
side and pin 10 connected to the load side of the current limit
resistor,R
CL, as shown in Figure 1. This connection will bypass
any parasitic resistances, R
P formed by sockets and solder
joints as well as internal amplifier losses. The current limiting
resistor may not be placed anywhere in the output circuit except
where shown in Figure 1. If current limiting is not used, pins 10
and 11 must be tied to pin 7.
The value of the current limit resistor can be calculated as
follows:
SAFEOPERATINGAREA(SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
NOTE: The output stage is protected against transient fly-
back. However, for protection against sustained, high energy
flyback, external fast-recovery diodes should be used.
The output stage thermal protection circuit engages when
junction temperatures reach approximately 175C.If the condition
remains that caused the shutdown, the amplifier may oscillate
in and out of shutdown, creating high peak power stresses
reducing the reliability of the device.
SHUTDOWNOPERATION
To disable the output stage, pin 12 is connected to ground
via relay contacts or via an electronic switch. The switching
device must be capable of sinking 2mA to complete shutdown
and capable of standing off the supply voltage +V
S. See Figure
2 for suggested circuits.
From an internal circuitry standpoint, shutdown is just a
special case of current limit where the allowed output current
is zero. As with current limit, however, a small current does
flow in the output during shutdown. A load impedance of 100
ohms or less is required to insure the output transistors are
turned off. Note that even though the output transistors are off
the output pin is not open circuited because of the shutdown
operating current.
BOOSTOPERATION
With theV
BOOST feature, the small signal stages of the ampli-
fier are operated at higher supply voltages than the amplifier’s
high current output stage. +V
BOOST (pin 9), and –VBOOST
(pin
5) are connected to the small signal circuitry of the amplifier.
+V
S (pin 8) and –VS (pin 6) are connected to the high current
output stage. An additional 5V on the V
BOOST pins is sufficient
to allow the small signal stages to drive the output transistors
into saturation and improve the output voltage swing for extra
efficient operation when required. When close swings to the
supply rails is not required the +V
BOOST and +VS pins must be
strapped together as well as the –V
BOOST and –VS pins.The boost
voltage pins must not be at a voltage lower than the V
S pins.
COMPENSATION
The external compensation components C
C and RC are con-
nected to pins 3 and 4. Unity gain stability can be achieved
at any compensation capacitance greater than 470 pF with at
least 60 degrees of phase margin.At higher gains, more phase
shift can be tolerated in most designs and the compensation
capacitance can accordingly be reduced, resulting in higher
bandwidth and slew rate. Use the typical operating curves as
a guide to select C
C and RC for the application.
1
SUPPLY TO OUTPUT DIFFERENTIAL (V)
2
5
10
30
100
.3
.6
.9
1.2
1.5
3
6
9
12
15
30
t =
200ms
3 4
20
40 50
SOA
ILIMIT = .7/RCL
Ri
1
2
10
11
RCL
PA05
RP
RL
CL
CL
INPUT
7
Rf
FIGURE 1. CURRENT LIMIT
–LOGIC
K1
SHUTDOWN
470Ω
Q1
FIGURE 2. SHUTDOWN OPERATION
12
12
SHUTDOWN
–LOGIC
A
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com