Electronic Components Datasheet Search
  English  ▼

X  

PA05 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA05
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA05 Datasheet(HTML) 3 Page - Cirrus Logic

  PA05 Datasheet HTML 1Page - Cirrus Logic PA05 Datasheet HTML 2Page - Cirrus Logic PA05 Datasheet HTML 3Page - Cirrus Logic PA05 Datasheet HTML 4Page - Cirrus Logic PA05 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA05 • PA05A
PA05U
3
0
25
50
75
100 125 150
CASE TEMPERATURE, T
C (°C)
0
100
200
POWER DERATING
100
1K
10M
FREQUENCY F (Hz)
0
POWER SUPPLY REJECTION
–50
0
75
125
CASE TEMPERATURE, T
C (°C)
100
10M
FREQUENCY, F (Hz)
0
20
60
100
SMALL SIGNAL RESPONSE
40
80
FREQUENCY, F (Hz)
–225
PHASE RESPONSE
0
5
20
30
2
30
300
30K
FREQUENCY, f (Hz)
.001
.02
.2
HARMONIC DISTORTION
.002
.01
.1
20
100
TOTAL SUPPLY VOLTAGE, V
S (V)
.8
.9
1.2
QUIESCENT CURRENT
1.0
1.1
40K
.4M
4M
FREQUENCY, F (Hz)
2
POWER RESPONSE
10
FREQUENCY, F (Hz)
0
COMMON MODE REJECTION
60
80
100
1M
100
1K
0
10
15
TIME, t (µs)
–5
0
PULSE RESPONSE
30
5
20
100
1K
3K
10K
25
CURRENT LIMIT
50
60
70
10
10K 100K 1M
150
250
OUTPUT VOLTAGE SWING
15
40
60
80
–7.5
10
1K
10K 100K 1M
20
40
60
80
100
100
10M
10
1K
10K 100K 1M
–180
–135
–90
–45
0
4
6
8
10
12
OUTPUT CURRENT, I
O (A)
10K
100K
–2.5
2.5
5
7.5
A
V = +1
–25
25
100
80
90
100
110
120
130
.005
.05
A
V = 10
R
L = 2Ω
CC = 82pF, R
C = 120Ω
V
S = 31V
C
C = 470pF
P O
= 200W
P
O = 1W
40
20
50
R
L = 8Ω
R
C = 120Ω
C
C = 82pf
C
C = 220pf
C
C = 470pf
C
C = 470pf
C
C = 220pf
C
C = 82pf
4
6
10
20
40
60
100
V BOOST
= V
S
VBOOST
= VS
+ 5V
10
25
100K
1M
20
60
40
EXT. COMPENSATION CAPACITOR C
C (pF)
100
200
300
400
500
80
100
SLEW RATE vs. COMP
C
C = 82pf
C
C = 220pf
C
C = 470pf
R
L = 8Ω
R
C = 120Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com