Electronic Components Datasheet Search
  English  ▼

X  

MB85R2002 Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # MB85R2002
Description  Memory FRAM CMOS 2 M Bit (128 K 횞 16)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB85R2002 Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button MB85R2002 Datasheet HTML 2Page - fujitsu semiconductor MB85R2002 Datasheet HTML 3Page - fujitsu semiconductor MB85R2002 Datasheet HTML 4Page - fujitsu semiconductor MB85R2002 Datasheet HTML 5Page - fujitsu semiconductor MB85R2002 Datasheet HTML 6Page - fujitsu semiconductor MB85R2002 Datasheet HTML 7Page - fujitsu semiconductor MB85R2002 Datasheet HTML 8Page - fujitsu semiconductor MB85R2002 Datasheet HTML 9Page - fujitsu semiconductor MB85R2002 Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MB85R2002
6
DS05-13108-4E
■ ELECTRICAL CHARACTERISTICS
1.
DC CHARACTERISTICS
(within recommended operating conditions)
*1 : During the measurement of ICC , the Address, Data In were taken to only change once per active cycle.
IOUT : output current
*2 : All pins other than setting pins should be input at the CMOS level voltages such as H
≥ VCC − 0.2 V, L ≤ 0.2 V.
2.
AC CHARACTERISTICS
• AC TEST CONDITIONS
Supply Voltage : 3.0 V to 3.6 V
Operating Temperature :
−40 °C to +85 °C
Input Voltage Amplitude : 0.3 V to 2.7 V
Input Rising Time : 5 ns
Input Falling Time : 5 ns
Input Evaluation Level : 2.0 V / 0.8 V
Output Evaluation Level : 2.0 V / 0.8 V
Output Impedance : 50 pF
(1) Read Operation
(within recommended operating conditions)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Input Leakage Current
|ILI|VIN = 0 V to VCC
⎯⎯
10
μA
Output Leakage Current
|ILO|VOUT = 0 V to VCC, CE1 = VIH or OE = VIH
⎯⎯
10
μA
Supply Current
ICC
CE1 = 0.2 V, CE2 = VCC
− 0.2 V, IOUT = 0 mA*1
⎯
10
15
mA
Standby Current
ISB
CE1
≥ VCC − 0.2 V
⎯
10
50
μA
CE2
≤ 0.2 V*2
OE
≥ VCC − 0.2 V, WE ≥ VCC − 0.2 V*2
LB
≥ VCC − 0.2 V, UB ≥ VCC − 0.2 V*2
Output Voltage (high)
VOH
IOH =
− 2.0 mA
VCC
× 0.8 ⎯⎯
V
Output Voltage (low)
VOL
IOL = 2.0 mA
⎯⎯
0.4
V
Parameter
Symbol
Value
Unit
Min
Max
Read Cycle time
tRC
150
⎯
ns
CE1 Active Time
tCA1
120
⎯
ns
CE2 Active Time
tCA2
120
⎯
ns
OE Active Time
tRP
120
⎯
ns
LB, UB Active Time
tBP
120
⎯
ns
Pre-charge Time
tPC
20
⎯
ns
Address Setup Time
tAS
5
⎯
ns
Address Hold Time
tAH
50
⎯
ns
OE Setup Time
tES
5
⎯
ns
LB, UB Setup Time
tBS
5
⎯
ns
Output Data Hold time
tOH
0
⎯
ns
Output Set Time
tLZ
30
⎯
ns
CE1 Access Time
tCE1
⎯
100
ns
CE2 Access Time
tCE2
⎯
100
ns
OE Access Time
tOE
⎯
100
ns
Output Floating Time
tOHZ
⎯
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com