Electronic Components Datasheet Search
  English  ▼

X  

MB85R2002 Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB85R2002
Description  Memory FRAM CMOS 2 M Bit (128 K 횞 16)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB85R2002 Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB85R2002 Datasheet HTML 4Page - fujitsu semiconductor MB85R2002 Datasheet HTML 5Page - fujitsu semiconductor MB85R2002 Datasheet HTML 6Page - fujitsu semiconductor MB85R2002 Datasheet HTML 7Page - fujitsu semiconductor MB85R2002 Datasheet HTML 8Page - fujitsu semiconductor MB85R2002 Datasheet HTML 9Page - fujitsu semiconductor MB85R2002 Datasheet HTML 10Page - fujitsu semiconductor MB85R2002 Datasheet HTML 11Page - fujitsu semiconductor MB85R2002 Datasheet HTML 12Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MB85R2002
DS05-13108-4E
11
■ PACKAGE DIMENSIONS
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/package/en-search/
48-pin plastic TSOP(1)
Lead pitch
0.50 mm
Package width
×
package length
12.00
× 12.40 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.20 mm MAX
Weight
0.37 g
Code
(Reference)
P-TSOP(1)48-12
×12.4-0.50
48-pin plastic TSOP(1)
(FPT-48P-M25)
(FPT-48P-M25)
C
2003-2009 FUJITSU MICROELECTRONICS LIMITED F48043S-c-2-3
24
1
48
25
LEAD No.
12.40±0.10(.488±.004)
14.00±0.20(.551±.008)
0.08(.003)
.006 –.001
+.002
–0.03
+0.05
0.145
"A"
INDEX
12.00±0.10
(.472±.004)
1.13±0.07
0.10±0.05
0.50(.020)
.009 –.002
+.002
–0.04
+0.05
0.22
M
0.10(.004)
0.25(.010)
0.60±0.15
(.024±.006)
0°~8°
Details of "A" part
(.044±.003)
(Mounting height)
(Stand off)
(.004±.002)
*2
*1
Dimensions in mm (inches).
Note: The values in parentheses are reference values
Note 1) *1 : Resin protrusion. (Each side : +0.15 (.006) Max).
Note 2) *2 : These dimensions do not include resin protrusion.
Note 3)Pins width and pins thickness include plating thickness.
Note 4) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com