Electronic Components Datasheet Search
  English  ▼

X  

LP4062 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP4062
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4062 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP4062 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 9Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 10Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 11Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 12Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Preliminary
Datasheet
LP4062
LP4062 –00
Ver. 1.0 Datasheet
Nov.-2007
Page 8 of 13
Applications Information
Operation
The LP4062 is a single cell lithium-ion battery charger
using a constant-current/constant-voltage algorithm. It
can deliver up to 600mA of charge current (using a
good thermal PCB layout) with a final float voltage
accuracy of ± 1%. The LP4062 includes an internal
P-channel power MOSFET and thermal regulation
circuitry. No blocking diode or external current sense
resistor is required; thus, the basic charger circuit
requires only two external components. Furthermore,
the LP4062 is capable of operating from a USB power
source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin
rises above the UVLO threshold level and a 1%
program resistor is connected from the PROG pin to
ground or when a battery is connected to the charger
output. If the BAT pin is less than 2.9V, the charger
enters trickle charge mode. In this mode, the LP4062
supplies approximately 1/10 the programmed charge
current to bring the battery voltage up to a safe level
for full current charging. (Note: The LP4062X does not
include this trickle charge feature).
When the BAT pin voltage rises above 2.9V, the
charger enters constant-current mode, where the
programmed charge current is supplied to the battery.
When the BAT pin approaches the final float voltage
(4.2V), the LP4062 enters constant-voltage mode and
the charge current begins to decrease. When the charge
current drops to 1/10 of the programmed value, the
charge cycle ends.
Programming Charge Current
The charge current is programmed using a single
resistor from the PROG pin to ground. The battery
charge current is 880 times the current out of the
PROG pin. The program resistor and the charge current
are calculated using the following equations:
RSET=880/ISET
The charge current out of the BAT pin can be
determined at any time by monitoring the PROG pin
voltage using the following equation:
ISET = 880/ RSET
Charge Termination
A charge cycle is terminated when the charge current
falls to 1/10th the programmed value after the final
float voltage is reached. This condition is detected by
using an internal, filtered comparator to monitor the
PROG pin. When the PROG pin voltage falls below
100mV for longer than tTERM (typically 1ms),
charging is terminated. The charge current is latched
off and the LP4062 enters standby mode, where the
input supply current drops to 200µA. When charging,
transient loads on the BAT pin can cause the PROG
pin to fall below 100mV for short periods of time
before the DC charge current has dropped to 1/10th the
programmed value. The 1ms filter time (TTERM) on
the termination comparator ensures that transient loads
of this nature do not result in premature charge cycle
termination. Once the average charge current drops
below 1/10th the programmed value, the LP4062
terminates the charge cycle and ceases to provide any
current through the BAT pin. In this state, all loads on
the BAT pin must be supplied by the battery. The
LP4062 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V
recharge threshold (VRECHRG), another charge cycle
begins and current is once again supplied to the battery.
To manually restart a charge cycle when in standby
mode, the input voltage must be removed and reapplied,
or the charger must be shut down and restarted using
the PROG pin. Figure 7 shows the state diagram of a
typical charge cycle.
Charge Status Indicator(CHRG)
The charge status output has three different states:
strong pull-down(~10mA), weak pull-down (~12µA)
and high impedance. The strong pull-down state
indicates that the LP4062 is in a charge cycle. Once the
charge cycle has terminated , the pin state is
determined by undervoltage lockout conditions. A
weak pull-down indicates that VCC meets the UVLO
conditions and the LP4062 is ready to charge. High
impedance indicates that the LP4062 is in undervoltage
lockout mode: either VCC is less than 100mV above
the BAT pin voltage or insufficient voltage is applied
to the VCC pin. A microprocessor can be used to
distinguish between these three states –this method is
discussed in the Applications Information section.
Charge Termination
An
internal
thermal
feedback
loop
reduces
the
programmed charge current if the die temperature
attempts
to
rise
above
a
preset
value
of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com