Electronic Components Datasheet Search
  English  ▼

X  

LP4062 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP4062
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4062 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP4062 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 9Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 10Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 11Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 12Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 13Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Preliminary
Datasheet
LP4062
LP4062 –00
Ver. 1.0 Datasheet
Nov.-2007
Page 9 of 13
approximately 120 ℃ . This feature protects the
LP4062 from excessive temperature and allows
the user to push the limits of the power handling
capability of a given circuit board without risk of
damaging the LP4062. The charge current can be
set according to typical (not worst-case) ambient
temperature with the assurance that the charger
will automatically reduce the current in worst-case
conditions. ThinSOT power considerations are
discussed further in the Applications Information
section.
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the
input voltage and keeps the charger in shutdown mode
until VCC rises above the undervoltage lockout
threshold .The UVLO circuit has a built-in hysteresis
of 200mV. Furthermore, to protect against reverse
current in the power MOSFET, the UVLO circuit
keeps the charger in shutdown mode if VCC falls to
within 30mV of the battery voltage. If the UVLO
comparator is tripped, the charger will not come out of
shutdown mode until VCC rises 100mV above the
battery voltage.
Manual Shutdown
At any point in the charge cycle, the LP4062 can be
put into shutdown mode by removing RPROG thus
floating the PROG pin. This reduces the battery drain
current to less than 2µA and the supply current to less
than 50µA. A new charge cycle can be initiated by
reconnecting the program resistor. In manual shutdown,
the CHRG pin is in a weak pull-down state as long as
VCC is high enough to exceed the UVLO conditions.
The CHRG pin is in a high impedance state if the
LP4062 is in under voltage lockout mode: either VCC
is within 100mV of the BAT pin voltage or insufficient
voltage is applied to the VCC pin.
Automatic Recharge
Once the charge cycle is terminated, the LP4062
continuously monitors the voltage on the BAT pin
using a comparator with a 2ms filter time
(TRECHARGE). A charge cycle restarts when the
battery voltage falls below 4.05V (which corresponds
to approximately 80% to 90% battery capacity). This
ensures that the battery is kept at or near a fully
charged condition and eliminates the need for periodic
charge cycle initiations. CHRG output enters a strong
pull-down state during recharge cycles.
Application Information
Stability Considerations
The constant-voltage mode feedback loop is stable
without an output capacitor provided a battery is
connected to the charger output. With no battery
present, an output capacitor is recommended to reduce
ripple voltage. When using high value, low ESR
ceramic capacitors, it is recommended to add a 1Ω
resistor in series with the capacitor. No series resistor
is needed if tantalum capacitors are used. In
constant-current mode, the PROG pin is in the
feedback loop, not the battery. The constant-current
mode stability is affected by the impedance at the
PROG pin. With no additional capacitance on the
PROG pin, the charger is stable with program resistor
values as high as 20k. However, additional capacitance
on this node reduces the maximum allowed program
resistor. The pole frequency at the PROG pin should be
kept above 100kHz. Therefore, if the PROG pin is
loaded with a capacitance, PROG, the following
equation can be used to calculate the maximum
resistance value for RPROG:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com