Electronic Components Datasheet Search
  English  ▼

X  

LP4062 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LP4062
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4062 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LP4062 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 9Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 10Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 11Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 12Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 13Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Preliminary
Datasheet
LP4062
LP4062 –00
Ver. 1.0 Datasheet
Nov.-2007
Page 10 of 13
Average, rather than instantaneous, charge current may
be of interest to the user. For example, if a switching
power supply operating in low current mode is
connected in parallel with the battery, the average
current being pulled out of the BAT pin is typically of
more interest than the instantaneous current pulses. In
such a case, a simple RC filter can be used on the
PROG pin to measure the average battery current as
shown in Figure 8. A 10k resistor has been added
between the PROG pin and the filter capacitor to
ensure stability.
Power Dissipation
The conditions that cause the LP4062 to reduce charge
current through thermal feedback can be approximated
by considering the power dissipated in the IC. Nearly
all of this power dissipation is generated by the internal
MOSFET—this is calculated to be approximately:
PD=(VCC-VBAT) • IBAT
where PD is the power dissipated, VCC is the input
supply voltage, VBAT is the battery voltage and IBAT
is the charge current. The approximate ambient
temperature at which the thermal feedback begins to
protect the IC is:
TA=120℃-PDθJA
TA=120℃-(VCC-VBAT) • IBAT • θJA
Example: An LP4062 operating from a 5V USB
supply is programmed to supply 400mA full-scale
current to a discharged Li-Ion battery with a
voltage of 3.75V. Assuming θ JA is 150 ℃ /W
(see Board Layout Considerations ), the ambient
temperature at which the LP4062 will begin to
reduce the charge current is approximately:
TA=120℃-(5V-3.75V) • (400mA) • 150℃/W
TA=120℃-0.5W • 150℃/W=120℃-75℃
TA=45℃
The LP4062 can be used above 45℃ ambient, but the
charge current will be reduced from 400mA. The
approximate current at a given ambient temperature
can be approximated by:
Using the previous example with an ambient
temperature of 60℃, the charge current will be reduced
to approximately:
Moreover, when thermal feedback reduces the charge
current, the voltage at the PROG pin is also reduced
proportionally as discussed in the Operation section. It
is important to remember that LP4062 applications do
not need to be designed for worst-case thermal
conditions since the IC will automatically reduce
power dissipation when the junction temperature
reaches approximately 120℃.
Thermal Considerations
Because of the small size of the ThinSOT package,
it is very important to use a good thermal PC
board layout to maximize the available charge
current. The thermal path for the heat generated
by the IC is from the die to the copper lead frame,
through the package leads, (especially the ground
lead) to the PC board copper. The PC board
copper is the heat sink. The footprint copper pads
should be as wide as One method is by dissipating
some of the power through an external component,
such as a resistor or diode. Example: An LP4062
operating from a 5V wall adapter is programmed
to supply 800mA full-scale current to a discharged
Li-Ion battery with a voltage of 3.75V. Assuming
θJA is 125℃/W, the approximate charge current
at
an
ambient
temperature
of
25 ℃
is:
By dropping voltage across a resistor in series with a
5V wall adapter (shown in Figure 9), the on-chip
power dissipation can be decreased, thus increasing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com