Electronic Components Datasheet Search
  English  ▼

X  

LP28011 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP28011
Description  1A Single-chip Li-ion and Li-POL Charge with OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28011 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP28011 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary Datasheet
LP28011
LP28011 – 01 Ver. 1.1 Datasheet
Nov.-2007
Page 8 of 10
Operation
The LP28011 is a single cell lithium-ion battery charger
using a constant-current/constant-voltage algorithm. It can
deliver up to 800mA of charge current (using a good
thermal PCB layout) with a final float voltage accuracy of
±1%. The LP28011 includes an internal P-channel power
MOSFET and thermal regulation circuitry. No blocking
diode or external current sense resistor is required; thus, the
basic charger circuit requires only two external components.
Furthermore, the LP28011 is capable of operating from a
USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the V
CC pin rises
above the UVLO threshold level and a 1% ISET ram
resistor is connected from the ISET pin to ground or when a
battery is connected to the charger output. If the BAT pin is
less than 2.9V, the charger enters trickle charge mode. In
this mode, the LP28011 supplies approximately 1/10 the
ISET rammed charge current to bring the battery voltage up
to a safe level for full current charging. (Note: The
LP28011X does not include this trickle charge feature).
When the BAT pin voltage rises above 2.9V, the charger
enters constant-current mode, where the ISET rammed
charge current is supplied to the battery. When the BAT pin
approaches the final float voltage (4.2V), the LP28011
enters constant-voltage mode and the charge current begins
to decrease. When the charge current drops to 1/10 of the
ISET rammed value, the charge cycle ends.
ISET ramming Charge Current
The charge current is ISET rammed using a single resistor
from the ISET pin to ground. The battery charge current is
1000 times the current out of the ISET pin. The ISET ram
resistor and the charge current are calculated using the
following equations:
RSET=830V/ICHG,ICHG= 830V/RSET
The charge current out of the BAT pin can be determined at
any time by monitoring the ISET pin voltage using the
following equation:
IBAT= VSET x 830/RSET
Charge Termination
A charge cycle is terminated when the charge current falls
to 1/10th the ISET rammed value after the final float
voltage is reached. This condition is detected by using an
internal, filtered comparator to monitor the ISET pin. When
the ISET pin voltage falls below 100mV
1
for longer than
t
TERM (typically 1ms), charging is terminated. The charge
current is latched off and the LP28011 enters standby mode,
where the input supply current drops to 200µA. (Note: C/10
termination is disabled in trickle charging and thermal
limiting modes).
When charging, transient loads on the BAT pin can cause
the ISET pin to fall below 100mV for short periods of time
before the DC charge current has dropped to 1/10th the
ISET rammed value. The 1ms filter time (t
TERM) on the
termination comparator ensures that transient loads of this
nature do not result in premature charge cycle termination.
Once the average charge current drops below 1/10th the
ISET rammed value, the LP28011 terminates the charge
cycle and ceases to provide any current through the BAT
pin. In this state, all loads on the BAT pin must be supplied
by the battery.
The LP28011 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V
recharge threshold (V
RESTAT), another charge cycle begins
and current is once again supplied to the battery. To
manually restart a charge cycle when in standby mode, the
input voltage must be removed and reapplied, or the
charger must be shut down and restarted using the ISET pin.
Figure 1 shows the state diagram of a typical charge cycle.
Charge Status Indicator (STAT)
The charge status output has three different states: strong
pull-down (~10mA), weak pull-down (~20µA) and high
impedance. The strong pull-down state indicates that the
LP28011 is in a charge cycle. Once the charge cycle has
terminated, the pin state is determined by undervoltage
lockout conditions. A weak pull-down indicates that V
CC
meets the UVLO conditions and the LP28011 is ready to
charge. High impedance indicates that the LP28011 is in
undervoltage lockout mode: either V
CC is less than 100mV
above the BAT pin voltage or insufficient voltage is applied
to the V
CC pin. A microprocessor can be used to distinguish
between these three states—this method is discussed in the
Applications Information section.
Thermal Limiting
An internal thermal feedback loop reduces the ISET
rammed charge current if the die temperature attempts to
rise above a preset value of approximately 120°C. This
feature protects the LP28011 from excessive temperature
and allows the user to push the limits of the power handling
capability of a given circuit board without risk of damaging
the LP28011. The charge current can be set according to
typical (not worst-case) ambient temperature with the



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com