Electronic Components Datasheet Search
  English  ▼

X  

LP28011 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28011
Description  1A Single-chip Li-ion and Li-POL Charge with OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28011 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28011 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28011 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP28011
LP28011 – 01 Ver. 1.1 Datasheet
Nov.-2007
Page 1 of 10
1A Single-chip Li-ion and Li-POL Charge with OVP
General Description
The LP28011 is a complete constant-current/ constant-
voltage linear charger for single cell lithium-ion batteries.
Its TDFN-10 package and low external component count
make the LP28011 ideally suited for portable applications.
Furthermore, the LP28011 is specifically designed to work
within USB power specifications. Its have a over voltage
protection in input with 6V and support over zero voltages
of battery can charge enable.
No external sense resistor is needed, and no blocking diode
is required due to the internal MOSFET architecture.
Thermal feedback regulates the charge current to limit the
die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V,
and the charge current can be ISET rammed externally with
a single resistor. The LP28011 automatically terminates the
charge cycle when the charge current drops to 1/10th the
ISET rammed value after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is
removed, the LP28011 automatically enters a low current
state, dropping the battery drain current to less than 2µA.
The LP28011 can be put into shutdown mode, reducing the
supply current to 25µA.
Other features include charge current monitor, undervoltage
lockout, automatic recharge and a status pin to indicate
charge termination and the presence of an input voltage.
Order Information
LP28011 - □ □ □
F: Pb-Free
Package Type
QV: TDFN-10
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Very Low Power Dissipation
Vin Over Voltage Protection:6V
Short-circuit protection
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation* to Maximize Charge Rate Without
Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from USB
Port
25µA Supply Current in Shutdown
Time Pre-charge Conditioning With Safety Timer
Reverse Leakage Protection Prevents Battery
Drainage Charge Current Thermal Regulation Status
Outputs for LED or System Interface
Indicates Charge and Fault Conditions
Optional Battery Temperature Monitoring Before and
During Charge Automatic Sleep Mode for Low-Power
Consumption Available in 3mm × 3mm TDFN-10
Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
Vin
LP28011
3
2
4
5
7
8
6
1
9
10
STAT1
VIN
STAT2
VSS
VSS
VSS
ISET
VIN
BATT
BATT
VBAT
Rset
1uF
BATTERY
BT3
BATT
ISTAT=830/Rset
Marking Information
Please see website.


Similar Part No. - LP28011

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28010 POWER-LP28010 Datasheet
770Kb / 12P
Single-Chip, Li-Ion/Polymer Battery Charge Manager
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28013A POWER-LP28013A Datasheet
373Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28014 POWER-LP28014 Datasheet
296Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
More results

Similar Description - LP28011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
logo
Lowpower Semiconductor ...
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Texas Instruments
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
Single-Chip Li-Ion and Li-Pol Charge Management IC
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
1.2A Single-chip Li-ion and Li-POL Charge
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
1A Single-chip Li-ion and Li-POL Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com