Electronic Components Datasheet Search
  English  ▼

X  

MCP98242 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP98242
Description  Memory Module Temperature Sensor w/EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98242 Datasheet(HTML) 3 Page - Microchip Technology

  MCP98242 Datasheet HTML 1Page - Microchip Technology MCP98242 Datasheet HTML 2Page - Microchip Technology MCP98242 Datasheet HTML 3Page - Microchip Technology MCP98242 Datasheet HTML 4Page - Microchip Technology MCP98242 Datasheet HTML 5Page - Microchip Technology MCP98242 Datasheet HTML 6Page - Microchip Technology MCP98242 Datasheet HTML 7Page - Microchip Technology MCP98242 Datasheet HTML 8Page - Microchip Technology MCP98242 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
© 2009 Microchip Technology Inc.
DS21996C-page 3
MCP98242
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD.................................................................................. 6.0V
Voltage at all Input/Output pins ............... GND – 0.3V to 6.0V
Pin A0 ................................................... GND – 0.3V to 12.5V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-40°C to +125°C
Junction Temperature (TJ) .......................................... +150°C
ESD protection on all pins (HBM:MM) ................. (4 kV:300V)
Latch-Up Current at each pin (+25°C) ..................... ±200 mA
†Notice: Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 3.0V to 3.6V, GND = Ground, SDA/SCL pulled-up to
VDD, and TA = -20°C to +125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Power Supply
Operating Voltage
VDD
3.0
—
3.6
V
Operating Current
Temperature Sensor
IDD
—
200
500
µA
EEPROM Inactive
EEPROM write
IDD
—
1100 2000
µA
Sensor in Shutdown Mode (for tWC)
EEPROM read
IDD
—
100
500
µA
Sensor in Shutdown Mode
Shutdown Current
ISHDN
—
1
3
µA
EEPROM Inactive,
Sensor in Shutdown Mode
Power On Reset (POR)
Threshold
VPOR
—
2.3
—
V
Temperature Sensor (VDD falling)
VPOR
—
1.6
—
V
EEPROM (VDD falling) (see Section5.4)
Power Supply Rejection,
TA = +25°C
Δ°C/ΔVDD
—±0.4
—
°C/V
VDD = 3.0V to 3.6V
Δ°C/ΔVDD
—±0.15
—
°C
VDD = 3.3V+150 mVPP AC (0 to 1 MHz)
Temperature Sensor Accuracy
+75°C < TA ≤ +95°C
TACY
-1.0
±0.5
+1.0
°C
+40°C < TA ≤ +125°C
TACY
-2.0
±1
+2.0
°C
-20°C < TA ≤ +125°C
TACY
-3.0
±2
+3.0
°C
TA = -40°C
TACY
—-2
—
°C
Conversion Time
0.25°C/bit
tCONV
—
65
125
ms
15 s/sec (typical) (See Section5.2.3.3)
Event Output (Open-drain)
High-level Current (leakage)
IOH
——
1
µA
VOH = VDD
Low-level Voltage
VOL
——
0.4
V
IOL= 3 mA
EEPROM
Write Cycle (byte/page)
tWC
—3
5
ms
—
Endurance TA = +25°C
—
1M
—
—
cycles VDD = 5V, Note 1
Write Protect High Voltage
VHI_WP
8
—
12
V
Applied at A0 pin, Note 1
Thermal Response
DFN
tRES
—
0.7
—
s
Time to 63% (89°C)
25°C (Air) to 125°C (oil bath)
TSSOP
tRES
—1.4
—
s
Note 1: Characterized but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com