Electronic Components Datasheet Search
  English  ▼

X  

MCP98242 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP98242
Description  Memory Module Temperature Sensor w/EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98242 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP98242 Datasheet HTML 29Page - Microchip Technology MCP98242 Datasheet HTML 30Page - Microchip Technology MCP98242 Datasheet HTML 31Page - Microchip Technology MCP98242 Datasheet HTML 32Page - Microchip Technology MCP98242 Datasheet HTML 33Page - Microchip Technology MCP98242 Datasheet HTML 34Page - Microchip Technology MCP98242 Datasheet HTML 35Page - Microchip Technology MCP98242 Datasheet HTML 36Page - Microchip Technology MCP98242 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
© 2009 Microchip Technology Inc.
DS21996C-page 33
MCP98242
5.3.3.1
Software Write Protect (SWP)
The SWP feature is invoked by writing to the
write-protect register. This is done by sending an
Address Byte similar to a normal Write command.
Figure 5-14 shows the timing diagram. SWP can be
cleared
using
the
CWP
command.
See
Section 5.3.3.2 “Clear Write Protect (CWP)”.
The Slave Address bits need to correspond to the
address pin logic configuration. For SWP, a high
voltage VHI_WP needs to be applied to the A0 pin and
the corresponding slave address needs to be set to ‘1’,
as shown in Table 5-3. Both A2 and A1 pins are
grounded and the corresponding slave address bits are
set to ‘0’.
The device response in this mode is shown in Table 5-
4 and Table 5-5.
FIGURE 5-12:
Timing Diagram for Setting Software Write Protect (See Section 4.0 “Serial
Communication”).
5.3.3.2
Clear Write Protect (CWP)
The CWP feature is invoked by writing to the clear
write-protect register. This is done by sending an
Address Byte similar to a normal Write command.
Figure 5-14 shows the timing diagram. CWP clears
SWP only. PWP can not be cleared using this
command.
The Slave Address bits need to correspond to the
address pin logic configuration. For CWP, a high
voltage VHI_WP needs to be applied to the A0 pin and
the corresponding slave address needs to be set to ‘1’.
The A1 pin is set to VDD and the corresponding slave
address bit is set to ‘1’. And A2 pins is set to ground
and the corresponding slave address bits are set to ‘0’.
Table 5-3 shows the bit configuration. The device
response in this mode is shown in Table 5-4 and
Table 5-5.
FIGURE 5-13:
Timing Diagram for Setting Clear Write Protect (See Section 4.0 “Serial
Communication”).
SDA
A
C
K
01
1
0
A
C
K
S
12
3
4
5
6
7
8
1
2
345
6
7
8
SCLK
Address Byte
W
MCP98242
MCP98242
A
C
K
P
1
2
3
4
567
8
Data
Word Address
MCP98242
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
00
1
Note:
Apply VHI_WP at A0 pin and connect GND to A1 and A2 pins to initiate SWP cycle.
SDA
A
C
K
01
1
0
A
C
K
S
12
3
4
5
6
7
8
1
2
345
6
7
8
SCLK
Address Byte
W
MCP98242
MCP98242
A
C
K
P
1
2
3
4
567
8
Data
Word Address
MCP98242
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
01
1
Note:
Apply VHI_WP at A0 pin, apply VDD at A1 pin, connect A2 pin to GND to initiate CWP cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com