Electronic Components Datasheet Search
  English  ▼

X  

MCP98242 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP98242
Description  Memory Module Temperature Sensor w/EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98242 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP98242 Datasheet HTML 4Page - Microchip Technology MCP98242 Datasheet HTML 5Page - Microchip Technology MCP98242 Datasheet HTML 6Page - Microchip Technology MCP98242 Datasheet HTML 7Page - Microchip Technology MCP98242 Datasheet HTML 8Page - Microchip Technology MCP98242 Datasheet HTML 9Page - Microchip Technology MCP98242 Datasheet HTML 10Page - Microchip Technology MCP98242 Datasheet HTML 11Page - Microchip Technology MCP98242 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MCP98242
DS21996C-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = 3.0V to 3.6V, GND = Ground, SDA/SCL pulled-up to VDD, and
TA = -20°C to +125°C.
FIGURE 2-7:
Event and SDA VOL vs.
Temperature.
FIGURE 2-8:
Conversion Rate vs.
Temperature.
FIGURE 2-9:
Power Supply Rejection vs.
Frequency.
FIGURE 2-10:
SDA IOL vs. Temperature.
FIGURE 2-11:
Temperature Accuracy vs.
VDD.
FIGURE 2-12:
Package Thermal
Response.
0
0.1
0.2
0.3
0.4
-40
-20
0
20406080
100 120
TA (°C)
Event
SDA
VDD = 3.0V to 3.6V
IOL = 3 mA
35
50
65
80
95
110
125
-40
-20
0
2040
6080
100 120
TA (°C)
VDD = 3.0V to 3.6V
-1.0
-0.5
0.0
0.5
1.0
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Δ°C/ΔVDD, VDD = 3.3V + 150 mVPP (AC)
1k
10k
100k
1M
100k
1M
10k
100k
1M
1k
10k
100k
1M
100
1k
10k
100k
1M
TA = +25°C
No decoupling capacitor
6
12
18
24
30
36
42
48
-40
-20
0
20406080
100 120
TA (°C)
VDD = 3.0V to 3.6V
VOL = 0.6V
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-40
-20
0
204060
80
100 120
TA (°C)
VDD = 3.0V
VDD = 3.6V
Δ°C/ΔVDD = 0.4°C/V
0%
20%
40%
60%
80%
100%
120%
-2
0
2
4
6
8
10
12
14
16
Time (s)
22°C (Air) to 125°C (Oil bath)
TSSOP-8
DFN-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com