Electronic Components Datasheet Search
  English  ▼

X  

MCP2022T Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2022T
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022T Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2022T Datasheet HTML 3Page - Microchip Technology MCP2022T Datasheet HTML 4Page - Microchip Technology MCP2022T Datasheet HTML 5Page - Microchip Technology MCP2022T Datasheet HTML 6Page - Microchip Technology MCP2022T Datasheet HTML 7Page - Microchip Technology MCP2022T Datasheet HTML 8Page - Microchip Technology MCP2022T Datasheet HTML 9Page - Microchip Technology MCP2022T Datasheet HTML 10Page - Microchip Technology MCP2022T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
© 2009 Microchip Technology Inc.
DS22018E-page 7
MCP2021/2
EXAMPLE 1-3:
TYPICAL MCP2022 APPLICATION
FIGURE 1-3:
TYPICAL LIN NETWORK CONFIGURATION
LIN Bus
27V
(4)
VBB
LBUS
VREG
TXD
RXD
VSS
VDD
TXD
RXD
+12
CF
CG
CS/LWAKE
I/O
FAULT/TXE
I/O
43V
(5)
1k
Ω
+12
Master Node Only
+12
220 k
Ω
WAKE-UP
Note 1: See Figure 2-3 for correct capacity and ESR for stable operation.
2: CF is the filter capacitor for the external voltage supply.
3: This diode is only needed if CS/LWAKE is connected to 12V supply.
4: Transient suppressor diode. Vclamp L = 43V.
5: These components are required for additional load dump protection above 43V.
(3)
RTP
(5)
100 nF
RESET
MCLR
5V
1k
Ω
LIN bus
MCP202X
Master
µC
1k
Ω
VBB
Slave 1
µC
Slave 2
µC
Slave n <16
µC
40m
+ Return
LIN bus
LIN bus
MCP202X
LIN bus
MCP202X
LIN bus
MCP202X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com