Electronic Components Datasheet Search
  English  ▼

X  

MCP2022T Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2022T
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2022T Datasheet HTML 4Page - Microchip Technology MCP2022T Datasheet HTML 5Page - Microchip Technology MCP2022T Datasheet HTML 6Page - Microchip Technology MCP2022T Datasheet HTML 7Page - Microchip Technology MCP2022T Datasheet HTML 8Page - Microchip Technology MCP2022T Datasheet HTML 9Page - Microchip Technology MCP2022T Datasheet HTML 10Page - Microchip Technology MCP2022T Datasheet HTML 11Page - Microchip Technology MCP2022T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MCP2021/2
DS22018E-page 8
© 2009 Microchip Technology Inc.
1.5
Pin Descriptions
TABLE 1-1:
PINOUT DESCRIPTIONS
1.5.1
POWER OUTPUT (VREG)
Positive Supply Voltage Regulator Output pin.
1.5.2
GROUND (VSS)
Ground pin.
1.5.3
BATTERY (VBB)
Battery Positive Supply Voltage pin. This pin is also the
input for the internal voltage regulator.
1.5.4
TRANSMIT DATA INPUT (TXD)
The Transmit Data Input pin has an internal pull-up to
VREG. The LIN pin is low (dominant) when TXD is low,
and high (recessive) when TXD is high.
For extra bus security, TXD is internally forced to ‘1’
when VREG is less than 1.8V (typ.).
In case the thermal protection detects an over-temper-
ature condition while the signal TXD is low, the
transmitter is shutdown. The recovery from the thermal
shutdown is equal to adequate cooling time.
1.5.5
RECEIVE DATA OUTPUT (RXD)
The Receive Data Output pin is a standard CMOS
output and follows the state of the LIN pin.
1.5.6
LIN BUS
The bidirectional LIN bus Interface pin is the driver unit
for the LIN pin and is controlled by the signal TXD. LIN
has an open collector output with a current limitation.
To reduce EMI, the edges during the signal changes
are
slope-controlled.
To further
reduce
radiated
emissions, the LBUS pin has corner-rounding control for
both falling and rising edges.
The internal LIN Receiver observes the activities on
LIN bus, and generates the output signal RXD that
follows the state of the LBUS. A 1st degree 1 MHz, low-
pass input filter is placed to maintain EMI immunity.
1.5.7
CS/LWAKE
Chip Select Input pin. A internal pull-down resistor will
keep the CS/LWAKE pin low. This is done to ensure
that no disruptive data will be present on the bus while
the microcontroller is executing a Power-on Reset and
I/O initialization sequence. The pin must see a high
level to activate the transmitter.
If CS/LWAKE= ‘0’ when the VBB supply is turned on,
the device stays in Ready mode (Low-power mode). In
Ready mode, both the receiver and the voltage
regulator are on and the LIN transmitter driver is off.
If CS/LWAKE = ‘1’ when the VBB supply is turned on,
the device will proceed to the Operation mode as soon
as the VREG output has stabilised.
This pin may also be used as a local wake-up input
(See Example 1-1). In this implementation, the micro-
controller will set the I/O pin that controls the CS/
LWAKE as an high-impedance input. The internal pull-
down resistor will keep the input low. An external
switch, or other source, can then wake-up both the
transceiver and the microcontroller.
Pin
Name
Devices
Pin
Type
Function
8-Pin
DFN,
PDIP,
SOIC
14-Pin
PDIP,
SOIC,
TSSOP
Normal Operation
VREG
3
3
O
Power Output
VSS
5
11
P
Ground
VBB
7
13
P
Battery Supply
TXD
4
4
I
Transmit Data Input (TTL)
RXD
1
1
O
Receive Data Output (CMOS)
LBUS
6
12
I/O
LIN bus (bidirectional)
CS/LWAKE
2
2
TTL
Chip Select (TTL)
FAULT/TXE
8
14
OD
Fault Detect Output, Transmitter Enable (OD)
RESET
—
5
OD
RESET signal Output (OD)
Legend: TTL = TTL input buffer, ST = Schmitt Trigger input buffer, OD = Open-Drain output,
P = Power, O = Output, I = Input
Note:
CS/LWAKE should not be tied directly to
VREG as this could force the MCP202x into
Operation
Mode
before
the
microcontroller is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com