Electronic Components Datasheet Search
  English  ▼

X  

MCP2022T Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2022T
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022T Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2022T Datasheet HTML 13Page - Microchip Technology MCP2022T Datasheet HTML 14Page - Microchip Technology MCP2022T Datasheet HTML 15Page - Microchip Technology MCP2022T Datasheet HTML 16Page - Microchip Technology MCP2022T Datasheet HTML 17Page - Microchip Technology MCP2022T Datasheet HTML 18Page - Microchip Technology MCP2022T Datasheet HTML 19Page - Microchip Technology MCP2022T Datasheet HTML 20Page - Microchip Technology MCP2022T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
© 2009 Microchip Technology Inc.
DS22018E-page 17
MCP2021/2
Bus Interface
High Level Input Voltage
VIH(LBUS)
0.6 VBB
—
18
V
Recessive state
Low Level Input Voltage
VIL(LBUS)-8
—
0.4 VBB
V
Dominant state
Input Hysteresis
VHYS
——
0.175 VBB
VVIH(LBUS) - VIL(LBUS)
Low Level Output Current
IOL(LBUS)40
—
200
mA
Output voltage = 0.1 VBB,
VBB = 12V
Pull-up Current on Input
IPU(LBUS)5
—
180
µA
~30 k
Ω internal pull-up
@ VIH (LBUS) = 0.7 VBB
Short Circuit Current
Limit
ISC
50
—
200
mA
(Note 1)
High Level Output
Voltage
VOH(LBUS)
0.8 VBB
—
VBB
VVOH(LBUS) must be at least
0.8 VBB
Low Level Output Voltage
VOLLO
(LBUS)
—
—
0.2 VBB
V
Input Leakage Current (at
the receiver during
dominant bus level)
IBUS_PAS_DOM
-1
—
—mA
Driver off,
VBUS = 0V,
VBAT = 12V
Leakage Current
(disconnected from
ground)
IBUS_NO_GND
-1
—
+1
mA
GNDDEVICE = VBAT,
0V < VBUS < 18V,
VBAT = 12V
Leakage Current
(disconnected from VBAT)
IBUS
—
—
10
µA
VBAT = GND,
0 < VBUS < 18V,
TA = -40
°C to +85°C
(Note 3)
50
µA
TA = +85
°C to +125°C
Receiver Center Voltage
VBUS_CNT
0.475 VBB
0.5
VBB
0.525 VBB
VVBUS_CNT = (VIL (LBUS) +
VIH (LBUS))/2
Slave Termination
Rslave
20
30
47
k
Ω
2.2
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for:
VBB = 6.0V to 18.0V
TA = -40°C to +125°C
CLOADREG = 10 µF
Parameter
Sym
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS = 0
Ω, TX = 0.4 VREG, VLBUS = VBB).
2:
For design guidance only, not tested.
3:
Node has to sustain the current that can flow under this condition; bus must be operational under this
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com