Electronic Components Datasheet Search
  English  ▼

X  

FD177 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # FD177
Description  Single Coil Brushless DC Motor Drivers with Soft-Switching( 2.0 to 6.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD177 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  FD177 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FD177
Version
:A.003
Page
:1
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
FD177
General Specifications
FD177 is a single coil DC brushless motor driver IC with soft-switching,
locked protection, thermal shut down protection circuit, power polarity
reverse protection and frequency generator. The driver is optimal for single
coil fan applications with less external components.
Features and Benefits
Support single-phase full wave Brushless DC Motor Driver
Built-in Hall sensor input signal amplifier
Low voltage startup (VDD=2.0V)
High driving capability
Lock detection and automatic self-restart
Power polarity reverse protection
Thermal shut down protection circuit
Thin, compact, highly reliable package (TSOT-28)
Pin Description
O1
VSS
FGR
HP
O2
VDD
NC
HN
Package : TSOT-28
NO.
NAME DESCRIPTION
1
O1
Output driving & sinking pin 1
2
VSS
Ground pin
3
FGR
Frequency generator
4
HP
Hall sensor in+
5
HN
Hall sensor in-
6
NC
None connection
7
VDD
Power supply pin
8
O2
Output driving & sinking pin 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com