Electronic Components Datasheet Search
  English  ▼

X  

FD177 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # FD177
Description  Single Coil Brushless DC Motor Drivers with Soft-Switching( 2.0 to 6.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD177 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

  FD177 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FD177
Version
:A.003
Page
:6
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
FD177
Package Specifications
FD177 : TSOT-28
VARIATION(ALL DIMENSIONS SHOWN IN MM)
SYMBOL
MIN.
NOM.
MAX.
A
0.750
-
0.800
A1
0
-
0.050
A2
0.700
0.750
0.775
b
0.220
-
0.380
c
0.100
-
0.200
D
2.800
2.900
3.000
E
2.600
2.800
3.000
E1
1.500
1.600
1.700
e
0.650 BSC
e1
1.950 BSC
L
0.370
0.450
0.600
L1
0.600 REF
L2
0.250 BSC
R
0.100
-
-
R1
0.100
-
0.250
θ
0o
4o
8o
θ1
4o
10o
12o



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com