Electronic Components Datasheet Search
  English  ▼

X  

FD177 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # FD177
Description  Single Coil Brushless DC Motor Drivers with Soft-Switching( 2.0 to 6.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD177 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  FD177 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD177 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FD177
Version
:A.003
Page
:2
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
FD177
Absolute Maximum Ratings
( Unless otherwise noted, VDD=5V, TA = 25 °C )
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDDM
6.5
V
Output Current
IOUT
500
mA
Output Current at Locked (TSOT-28)
IOL1
1
A
Maximum FGR Output Current
IFGR_MAX
10
mA
Maximum FGR Output Voltage
VFGR_MAX
6.5
V
Operating Temperature Range
TOPR
-30 ~ 85
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Power Dissipation (TSOT-28)
PD
568
mW
Thermal Resistance, Junction to Ambient
θJA_TSOT28
220
°C/ W
Thermal Resistance, Junction to Case
θJC_TSOT28
92
°C/ W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com