Electronic Components Datasheet Search
  English  ▼

X  

MD142 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # MD142
Description  Multi-Channels Motor Driver For DSC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD142 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  MD142 Datasheet HTML 1Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 2Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD142
SP-MD142-A.003
Version
:A.003
Page
:1
11-MD142
Motor Driver For DSC
General Specifications
The 11-MD142 is a 4-channels motor driver for Digital Still Camera. It contains
constant current control for M-shutter and saturation voltage control channels for AF
stepping motor and Iris. It is optimal for DSC Lens module in M-shutter, Iris and Auto
Focus motor.
Features and Benefits
Low voltage operation
Low saturation voltage
Low input current
Easy constant current control
Ultra low standby current
Reference Voltage inside (Vref=1.23V)
Thermal shutdown protection
Thin, highly reliable package :QFN-32(4.75mm X 4.75mm) and TSSOP-20
Pin Assignment
Pin Assignment of QFN-32
Pin Assignment of TSSOP-20
PIM
EN1
EN2
IAD
IN1
IN2
IN3
IN4
NC
GND
OUT2
OUT3
OUT4
OUT5
OUT6
NC
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
OUT1
GND
IM
OUT3
OUT4
OUT5
OUT6
GND
VREF
VDD
PIM
EN1
EN2
IAD
IN1
IN2
IN3
IN4
VB
OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com