Electronic Components Datasheet Search
  English  ▼

X  

MD142 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # MD142
Description  Multi-Channels Motor Driver For DSC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD142 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  MD142 Datasheet HTML 1Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 2Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD142
SP-MD142-A.003
Version
:A.003
Page
:2
Pin Descriptions of QFN-32
Pin NO. Pin Name
Description
Pin NO. Pin Name
Description
1
PIM
Current sense resistor
17
NC
2
EN1
Mode Selected Input pin
18
OUT6
Motor output pin
3
EN2
Mode Selected Input pin
19
OUT5
Motor output pin
4
IAD
AMP positive input pin
20
OUT4
Motor output pin
5
IN1
Motor control input pin
21
OUT3
Motor output pin
6
IN2
Motor control input pin
22
OUT2
Motor output pin
7
IN3
Motor control input pin
23
GND
Controller and driver ground
8
IN4
Motor control input pin
24
NC
9
NC
25
IM
Current sense resistor
10
NC
26
GND
Controller and driver ground
11
NC
27
12
VB
Power supply pin for motor driver
28
OUT1
Motor output pin
13
VREF
Reference voltage output pin
29
NC
14
GND
Motor driver ground
30
NC
15
NC
31
NC
16
NC
32
VDD
Power supply pin for controller.
Pin Descriptions of TSSOP-20
Pin NO. Pin Name
Description
Pin NO. Pin Name
Description
1
VDD
Power supply pin for controller.
11
VREF
Reference voltage output pin
2
PIM
Current sense resistor
12
GND
Motor driver ground
3
EN1
Mode selected Input pin
13
OUT6
Motor output pin
4
EN2
Mode selected Input pin
14
OUT5
Motor output pin
5
IAD
AMP positive input pin
15
OUT4
Motor output pin
6
IN1
Motor control input pin
16
OUT3
Motor output pin
7
IN2
Motor control input pin
17
OUT2
Motor output pin
8
IN3
Motor control input pin
18
IM
Current sense resistor
9
IN4
Motor control input pin
19
GND
Controller and driver ground
10
VB
Power supply pin for motor driver
20
OUT1
Motor output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com