Electronic Components Datasheet Search
  English  ▼

X  

MD142 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # MD142
Description  Multi-Channels Motor Driver For DSC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD142 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button MD142 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 9Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 10Page - Silicon Touch Technology Inc. MD142 Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD142
SP-MD142-A.003
Version
:A.003
Page
:6
Function Block (TSSOP-20 Pin Assignment)
CPU
THD
15
14
13
20
17
16
18
2
10
Logic
11
1
5
3
4
6
7
8
9
19
12
VDD
VREF
IAD
VB
PIM
IM
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
GND
EN1
EN2
IN4
IN1
IN2
IN3
Shutter
Aperture
AF
Constant Current
Drive
Saturation Voltage Drive
VDD
VDD
VDD
VDD
VDD
VDD
BIAS
R
PIM
10uF
10uF
Ra
Rb
R
IM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com