Electronic Components Datasheet Search
  English  ▼

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA85133U/2DA/Q1 Datasheet HTML 1Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 2Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 3Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 4Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 5Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 6Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 7Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 8Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
4 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
The substrate (rear side of the die) is wired to VSS but should not be electrically contacted.
Viewed from active side. For mechanical details, see Figure 23.
Fig 2.
Pin configuration of PCA85133
013aaa045
PCA85133
0
0
+x
+y
Table 3.
Pin description overview
Symbol
Pin
Description
SDAACK
1 to 3
I2C-bus acknowledge output
SDA
4 to 6
I2C-bus serial data input
SCL
7 to 9
I2C-bus serial clock input
CLK
10
clock input and output
VDD
11 to 13
supply voltage
SYNC
14
cascade synchronization input and output
OSC
15
oscillator select
FF
16
frame frequency select
A0, A1 and A2
17 to 19
subaddress input
SA0
20
I2C-bus slave address input
VSS[1]
21 to 23
ground supply voltage
VLCD
24 to 26
LCD supply voltage
BP2, BP0, BP3 and BP1
27, 28, 109 and 110
LCD backplane output
S0 to S79
29 to 108
LCD segment output
D1 to D9
-
dummy pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com