Electronic Components Datasheet Search
  English  ▼

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA85133U/2DA/Q1 Datasheet HTML 1Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 2Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 3Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 4Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 5Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 6Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 7Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 8Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1.
General description
The PCA85133 is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 80 segments and can easily
be cascaded for larger LCD applications. The PCA85133 is compatible with most
microprocessors or microcontrollers and communicates via a two-line bidirectional
I2C-bus. Communication overheads are minimized by a display RAM with
auto-incremental addressing, by hardware subaddressing, and by display memory
switching (static and duplex drive modes).
AEC-Q100 compliant for automotive applications.
2.
Features
I Single-chip LCD controller and driver
I Selectable backplane drive configuration: static, 2, 3, or 4 backplane multiplexing
I Selectable display bias configuration: static, 1⁄2,or 1⁄3
I Selectable frame frequency: 82 Hz or 110 Hz
I Internal LCD bias generation with voltage-follower buffers
I 80 segment drives:
N Up to 40 7-segment alphanumeric characters
N Up to 21 14-segment alphanumeric characters
N Any graphics of up to 320 elements
I 80 × 4 bit RAM for display data storage
I Auto-incremental display data loading across device subaddress boundaries
I Display memory bank switching in static and duplex drive modes
I Versatile blinking modes
I Independent supplies possible for LCD and logic voltages
I Wide power supply range: from 1.8 V to 5.5 V
I Wide LCD supply range for low-threshold LCDs, for guest-host LCDs, and
high-threshold (automobile) twisted nematic LCDs: from 2.5 V to 8.0 V
I Low power consumption
I 400 kHz I2C-bus interface
I Compatible with 4-bit, 8-bit, or 16-bit microprocessors or microcontrollers
I May be cascaded for large LCD applications (up to 5120 segments possible)
I No external components needed
I Compatible with Chip-On-Glass (COG) technology
PCA85133
Universal LCD driver for low multiplex rates
Rev. 1 — 23 October 2009
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 17.


Similar Part No. - PCA85133U/2DA/Q1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA85133U NXP-PCA85133U Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA85133U NXP-PCA85133U Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA85133U NXP-PCA85133U Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCA85133U NXP-PCA85133U Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCA85133U NXP-PCA85133U Datasheet
653Kb / 51P
40 횞 4 LCD segment driver
More results

Similar Description - PCA85133U/2DA/Q1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF85176 NXP-PCF85176 Datasheet
339Kb / 43P
Universal LCD driver for low multiplex rates
Rev. 01-14 April 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com