Electronic Components Datasheet Search
  English  ▼

X  

PCA85133U/2DA/Q1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA85133U/2DA/Q1
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85133U/2DA/Q1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA85133U/2DA/Q1 Datasheet HTML 9Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 10Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 11Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 12Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 13Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 14Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 15Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 16Page - NXP Semiconductors PCA85133U/2DA/Q1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
PCA85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 23 October 2009
13 of 44
NXP Semiconductors
PCA85133
Universal LCD driver for low multiplex rates
7.5 Oscillator
The internal logic and the LCD drive signals of the PCA85133 are timed by a frequency
fclk which either is derived from the built-in oscillator frequency fosc:
(4)
or equals an external clock frequency fclk(ext):
(5)
7.5.1 Internal clock
The internal oscillator is enabled by connecting pin OSC to VSS. In this case the output
from pin CLK provides the clock signal for any cascaded PCA85133 in the system. After
power-on, pin SDA must be HIGH to guarantee that the clock starts.
7.5.2 External clock
Connecting pin OSC to VDD enables an external clock source. Pin CLK then becomes the
external clock input.
Remark: A clock signal must always be supplied to the device; removing the clock may
freeze the LCD in a DC state, which is not suitable for the liquid crystal.
7.6 Timing and frame frequency
The clock frequency fclk determines the LCD frame frequency ffr and is calculated as
follows:
(6)
The internal clock frequency fclk can be selected using pin FF. As a result 2 frame
frequencies are available: 82 Hz or 110 Hz (typical), see Table 6.
The timing of the PCA85133 organizes the internal data flow of the device. This includes
the transfer of display data from the display RAM to the display segment outputs. In
cascaded applications, the synchronization signal (SYNC) maintains the correct timing
relationship between all the PCA85133 in the system.
7.7 Display register
The display register holds the display data while the corresponding multiplex signals are
generated. There is a one-to-one relationship between the data in the display register, the
LCD segment outputs and one column of the display RAM.
f
clk
f
osc
64
----------
=
f
clk
f
clk ext
()
=
Table 6.
LCD frame frequencies
Pin FF tied to
Typical clock frequency (Hz)
LCD frame frequency (Hz)
VDD
1970
82
VSS
2640
110
f
fr
f
clk
24
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com