Electronic Components Datasheet Search
  English  ▼

X  

PCF8576D Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8576D
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576D Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8576D Datasheet HTML 24Page - NXP Semiconductors PCF8576D Datasheet HTML 25Page - NXP Semiconductors PCF8576D Datasheet HTML 26Page - NXP Semiconductors PCF8576D Datasheet HTML 27Page - NXP Semiconductors PCF8576D Datasheet HTML 28Page - NXP Semiconductors PCF8576D Datasheet HTML 29Page - NXP Semiconductors PCF8576D Datasheet HTML 30Page - NXP Semiconductors PCF8576D Datasheet HTML 31Page - NXP Semiconductors PCF8576D Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
28 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
9.
Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 7 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 8 “JESD22-A115”.
[3]
Pass level; Charged-Device Model (CDM), according to Ref. 9 “JESD22-C101”.
[4]
Pass level; latch-up testing, according to Ref. 10 “JESD78”.
[5]
According to the NXP store and transport conditions (see Ref. 12 “SNW-SQ-623”) the devices have to be
stored at a temperature of +5
°C to +45 °C and a humidity of 25 % to 75 %.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 14.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
6.5
V
VLCD
LCD supply voltage
−0.5
+7.5
V
VI
input voltage
on each of the pins CLK,
SDA, SCL, SYNC, SA0,
OSC, A0 to A2
−0.5
+6.5
V
VO
output voltage
on each of the pins S0 to
S39, BP0 to BP3
−0.5
+7.5
V
II
input current
−10
+10
mA
IO
output current
−10
+10
mA
IDD
supply current
−50
+50
mA
IDD(LCD) LCD supply current
−50
+50
mA
ISS
ground supply current
−50
+50
mA
Ptot
total power dissipation
-
400
mW
Po
output power
-
100
mW
VESD
electrostatic discharge
voltage
HBM
[1] -
±5000
V
MM
[2] -
±200
V
CDM
[3] -
±1000
V
Ilu
latch-up current
[4] -
100
mA
Tstg
storage temperature
[5]
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com