Electronic Components Datasheet Search
  English  ▼

X  

PCF8576D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8576D
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576D Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8576D Datasheet HTML 1Page - NXP Semiconductors PCF8576D Datasheet HTML 2Page - NXP Semiconductors PCF8576D Datasheet HTML 3Page - NXP Semiconductors PCF8576D Datasheet HTML 4Page - NXP Semiconductors PCF8576D Datasheet HTML 5Page - NXP Semiconductors PCF8576D Datasheet HTML 6Page - NXP Semiconductors PCF8576D Datasheet HTML 7Page - NXP Semiconductors PCF8576D Datasheet HTML 8Page - NXP Semiconductors PCF8576D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1.
General description
The PCF8576D is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD) with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 40 segments. It can be easily
cascaded for larger LCD applications. The PCF8576D is compatible with most
microprocessors or microcontrollers and communicates via a two-line bidirectional
I2C-bus. Communication overheads are minimized by a display RAM with
auto-incremented addressing, by hardware subaddressing and by display memory
switching (static and duplex drive modes).
AEC-Q100 compliant (PCF8576DH/2 and PCF8576DT/S400/2) for automotive
applications.
2.
Features
I Single chip LCD controller and driver
I Selectable backplane drive configuration: static or 2, 3, 4 backplane multiplexing
I Selectable display bias configuration: static, 1⁄2 or 1⁄3
I Internal LCD bias generation with voltage-follower buffers
I 40 segment drives:
N Up to twenty 7-segment numeric characters
N Up to ten 14-segment alphanumeric characters
N Any graphics of up to 160 elements
I 40 × 4-bit RAM for display data storage
I Auto-incremented display data loading across device subaddress boundaries
I Display memory bank switching in static and duplex drive modes
I Versatile blinking modes
I Independent supplies possible for LCD and logic voltages
I Wide power supply range: from 1.8 V to 5.5 V
I Wide logic LCD supply range:
N From 2.5 V for low-threshold LCDs
N Up to 6.5 V for guest-host LCDs and high-threshold twisted nematic LCDs
I Low power consumption
I 400 kHz I2C-bus interface
I May be cascaded for large LCD applications (up to 2560 elements possible)
I No external components
I Compatible with chip-on-glass and chip-on-board technology
I Manufactured in silicon gate CMOS process
PCF8576D
Universal LCD driver for low multiplex rates
Rev. 09 — 25 August 2009
Product data sheet


Similar Part No. - PCF8576D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8576D PHILIPS-PCF8576D Datasheet
243Kb / 41P
Universal LCD driver for low multiplex rates
2004 Dec 22
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCF8576D NXP-PCF8576D Datasheet
379Kb / 50P
Universal LCD driver for low multiplex rates
Rev. 10-14 February 2011
PCF8576DH PHILIPS-PCF8576DH Datasheet
243Kb / 41P
Universal LCD driver for low multiplex rates
2004 Dec 22
PCF8576DH/2 PHILIPS-PCF8576DH/2 Datasheet
243Kb / 41P
Universal LCD driver for low multiplex rates
2004 Dec 22
More results

Similar Description - PCF8576D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com