Electronic Components Datasheet Search
  English  ▼

X  

PCF8576D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8576D
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8576D Datasheet HTML 6Page - NXP Semiconductors PCF8576D Datasheet HTML 7Page - NXP Semiconductors PCF8576D Datasheet HTML 8Page - NXP Semiconductors PCF8576D Datasheet HTML 9Page - NXP Semiconductors PCF8576D Datasheet HTML 10Page - NXP Semiconductors PCF8576D Datasheet HTML 11Page - NXP Semiconductors PCF8576D Datasheet HTML 12Page - NXP Semiconductors PCF8576D Datasheet HTML 13Page - NXP Semiconductors PCF8576D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
10 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
(3)
Using Equation 3, the discrimination for an LCD drive mode of 1:3 multiplex with
1
⁄2 bias is
and the discrimination for an LCD drive mode of 1:4 multiplex with
1
⁄2 bias is
.
The advantage of these LCD drive modes is a reduction of the LCD full scale voltage VLCD
as follows:
• 1:3 multiplex (1
⁄
2 bias):
• 1:4 multiplex (1
⁄
2 bias):
These compare with
when 1
⁄
3 bias is used.
It should be noted that VLCD is sometimes referred as the LCD operating voltage.
D
V
on RMS
()
V
off RMS
()
------------------------
a1
+
()
2
n
1
–
()
+
a1
–
()
2
n
1
–
()
+
--------------------------------------------
==
3
1.732
=
21
3
----------
1.528
=
V
LCD
6V
off RMS
()
×
2.449V
off RMS
(
)
==
V
LCD
43
×
()
3
----------------------
2.309V
off RMS
()
==
V
LCD
3V
off RMS
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com