Electronic Components Datasheet Search
  English  ▼

X  

SE97 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SE97 Datasheet HTML 18Page - NXP Semiconductors SE97 Datasheet HTML 19Page - NXP Semiconductors SE97 Datasheet HTML 20Page - NXP Semiconductors SE97 Datasheet HTML 21Page - NXP Semiconductors SE97 Datasheet HTML 22Page - NXP Semiconductors SE97 Datasheet HTML 23Page - NXP Semiconductors SE97 Datasheet HTML 24Page - NXP Semiconductors SE97 Datasheet HTML 25Page - NXP Semiconductors SE97 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
22 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
7.11 Hot plugging
The SE97 can be used in hot plugging applications. Internal circuitry prevents damaging
current backflow through the device when it is powered down, but with the I2C-bus,
EVENT or address pins still connected. The open-drain SDA and EVENT pins (SCL and
address pins are input only) effectively places the outputs in a high-impedance state
during power-up and power-down, which prevents driver conflict and bus contention. The
50 ns noise filter will filter out any insertion glitches from the state machine, which is very
robust and not prone to false operation.
The device needs a proper power-up sequence to reset itself, not only for the device
I2C-bus and I/O initial states, but also to load specific pre-defined data or calibration data
into its operational registers. The power-up sequence should occur correctly with a fast
ramp rate and the I2C-bus active. The SE97 might not respond immediately after
power-up, but it should not damage the part if the power-up sequence is abnormal. If the
SCL line is held LOW, the part will not exit the power-on reset mode since the part is held
in reset until SCL is released.
8.
Register descriptions
8.1 Register overview
This section describes all the registers used in the SE97. The registers are used for
latching the temperature reading, storing the low and high temperature limits, configuring,
the hysteresis threshold and the ADC, as well as reporting status. The device uses the
pointer register to access these registers. Read registers, as the name implies, are used
for read only, and the write registers are for write only. Any attempt to read from a
write-only register will result in reading ‘0’s. Writing to a read-only register will have no
effect on the read even though the write command is acknowledged. The Pointer register
is an 8-bit register. All other registers are 16-bit.
A write to reserved registers my cause unexpected results which may result in requiring a
reset by removing and re-applying its power.
Table 8.
Register summary
Address (hex)
Default state (hex)
Register name
n/a
n/a
Pointer register
00h
0017h
Capability register (B grade = 0017h)
01h
0000h
Configuration register
02h
0000h
Upper Boundary Alarm Trip register
03h
0000h
Lower Boundary Alarm Trip register
04h
0000h
Critical Alarm Trip register
05h
n/a
Temperature register
06h
1131h
Manufacturer ID register
07h
A200h
Device ID/Revision register
08h to 21h
0000h
reserved registers
22h
0000h
SMBus register
23h to FFh
0000h
reserved registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com