Electronic Components Datasheet Search
  English  ▼

X  

SE97 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SE97 Datasheet HTML 5Page - NXP Semiconductors SE97 Datasheet HTML 6Page - NXP Semiconductors SE97 Datasheet HTML 7Page - NXP Semiconductors SE97 Datasheet HTML 8Page - NXP Semiconductors SE97 Datasheet HTML 9Page - NXP Semiconductors SE97 Datasheet HTML 10Page - NXP Semiconductors SE97 Datasheet HTML 11Page - NXP Semiconductors SE97 Datasheet HTML 12Page - NXP Semiconductors SE97 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
9 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
7.3.2 EVENT thresholds
7.3.2.1
Alarm window
The device provides a comparison window with an UPPER trip point and a LOWER trip
point, programmed through the Upper Boundary Alarm Trip register (02h), and Lower
Boundary Alarm Trip register (03h). The Upper Boundary Alarm Trip register holds the
upper temperature trip point, while the Lower Boundary Alarm Trip register holds the lower
temperature trip point as modified by hysteresis as programmed in the Configuration
register. When enabled, the EVENT output triggers whenever entering or exiting (crossing
above or below) the alarm window.
• Advisory note:
– NXP Device: The EVENT output can be cleared through the Clear EVENT bit
(CEVNT) or SMBus ALERT.
– Competitor Device: The EVENT output can be cleared only through the
Clear EVENT bit (CEVNT).
– Work-around: Only clear EVENT output using the Clear EVENT bit (CEVNT).
– There will be no change to NXP devices.
The Upper Boundary Alarm Trip should always be set above the Lower Boundary Alarm
Trip.
• Advisory note:
– NXP device: Requires one conversion cycle (125 ms) after setting the alarm
window before comparing the alarm limit with temperature register to ensure that
there is correct data in the temperature register before comparing with the Alarm
Window and operating EVENT output.
– Competitor devices: Compares the alarm limit with temperature register at any
time, so they get the EVENT output immediately when new UPPER or LOWER
Alarm Windows and the EVENT output are set at the same time.
– Work-around: Wait at least 125 ms before enabling EVENT output (EOCTL = 1).
– SE97B will compare alarm window and temperature register immediately.
7.3.2.2
Critical trip
The Tth(crit) temperature setting is programmed in the Critical Alarm Trip register (04h) as
modified by hysteresis as programmed in the Configuration register. When the
temperature reaches the critical temperature value in this register (and EVENT is
enabled), the EVENT output asserts and cannot be de-asserted until the temperature
drops below the critical temperature threshold. The Event cannot be cleared through the
Clear EVENT bit (CEVNT) or SMBus ALERT.
The Critical Alarm Trip should always be set above the Upper Boundary Alarm Trip.
• Advisory note:
– NXP device: Requires one conversion cycle (125 ms) after setting the Alarm
Window before comparing the alarm limit with temperature register to ensure that
there is correct data in the temperature register before comparing with the Alarm
Window and operating EVENT output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com