Electronic Components Datasheet Search
  English  ▼

X  

MAC212 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC212
Description  TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC212 Datasheet(HTML) 1 Page - Motorola, Inc

  MAC212 Datasheet HTML 1Page - Motorola, Inc MAC212 Datasheet HTML 2Page - Motorola, Inc MAC212 Datasheet HTML 3Page - Motorola, Inc MAC212 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3–83
Motorola Thyristor Device Data
Triacs
Silicon Bidirectional Thyristors
. . . designed primarily for full-wave ac control applications, such as light dimmers,
motor controls, heating controls and power supplies; or wherever full-wave silicon
gate controlled solid-state devices are needed. Triac type thyristors switch from a
blocking to a conducting state for either polarity of applied anode voltage with positive
or negative gate triggering.
• Blocking Voltage to 800 Volts
• All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity
and Stability
• Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
• Gate Triggering Guaranteed in Three Modes (MAC212 Series) or Four Modes
(MAC212A Series)
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Repetitive Peak Off-State Voltage(1) (TJ = –40 to +125°C,
1/2 Sine Wave 50 to 60 Hz, Gate Open)
MAC212-4, MAC212A4
MAC212-6, MAC212A6
MAC212-8, MAC212A8
MAC212-10, MAC212A10
VDRM
200
400
600
800
Volts
On-State Current RMS (TC = +85°C)
Full Cycle Sine Wave 50 to 60 Hz
IT(RMS)
12
Amp
Peak Non-repetitive Surge Current (One Full Cycle, 60 Hz, TC = +85°C)
preceded and followed by Rated Current
ITSM
100
Amp
Circuit Fusing Considerations (t = 8.3 ms)
I2t
40
A2s
Peak Gate Power (TC = +85°C, Pulse Width = 10 µs)
PGM
20
Watts
Average Gate Power (TC = +85°C, t = 8.3 ms)
PG(AV)
0.35
Watt
Peak Gate Current (TC = +85°C, Pulse Width = 10 µs)
IGM
2
Amp
Operating Junction Temperature Range
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–40 to +150
°C
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MAC212
Series
MAC212A
Series
CASE 221A-04
(TO-220AB)
STYLE 4
TRIACs
12 AMPERES RMS
200 thru 800 VOLTS
MT1
G
MT2


Similar Part No. - MAC212

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC212 DIGITRON-MAC212 Datasheet
216Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
logo
Digitron Semiconductors
MAC212-10 DIGITRON-MAC212-10 Datasheet
216Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC212-10 NJSEMI-MAC212-10 Datasheet
141Kb / 2P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
MAC212-10FP MOTOROLA-MAC212-10FP Datasheet
113Kb / 6P
ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
More results

Similar Description - MAC212

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC210-4FP MOTOROLA-MAC210-4FP Datasheet
112Kb / 6P
ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
MAC212-4FP MOTOROLA-MAC212-4FP Datasheet
113Kb / 6P
ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
T2500FP MOTOROLA-T2500FP Datasheet
83Kb / 4P
ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC212FP NJSEMI-MAC212FP Datasheet
149Kb / 2P
ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com