Electronic Components Datasheet Search
  English  ▼

X  

MAC212 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC212
Description  TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC212 Datasheet(HTML) 3 Page - Motorola, Inc

  MAC212 Datasheet HTML 1Page - Motorola, Inc MAC212 Datasheet HTML 2Page - Motorola, Inc MAC212 Datasheet HTML 3Page - Motorola, Inc MAC212 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAC212 Series MAC212A Series
3–85
Motorola Thyristor Device Data
20
100
2.0
50
10
0.2
5.0
1.0
0.5
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
0.1
4.4
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
FIGURE 3 — MAXIMUM ON-STATE CHARACTERISTICS
0
20
40
60
80
FIGURE 4 — MAXIMUM NON-REPETITIVE SURGE CURRENT
100
7.0
1.0
2.0
3.0
5.0
1.6
1.2
0.8
0.4
FIGURE 5 — TYPICAL GATE TRIGGER VOLTAGE
2.0
CYCLE
TC = 70°C
f = 60 Hz
Surge is preceded and followed by rated current
NUMBER OF CYCLES
10
0
80
60
40
20
0
–20
–40
–60
TC, CASE TEMPERATURE (°C)
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
80
60
40
20
0
–20
–40
1.2
80
0
0.4
0.8
1.6
–60
–60
–40
–20
0
20
2.4
40
0
0.4
0.8
1.2
1.6
2.0
2.8
2.0
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
60
FIGURE 6 — TYPICAL GATE TRIGGER CURRENT
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
FIGURE 7 — TYPICAL HOLDING CURRENT
TC, CASE TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
TJ = 125°C
TJ = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com