Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
7
The i.MX35 core is intended to operate at a maximum frequency of 532 MHz to support the required
multimedia use cases. Furthermore, an image processing unit (IPU) is integrated into the AP domain to
offload the ARM11 core from performing functions such as color space conversion, image rotation and
scaling, graphics overlay, and pre- and post-processing.
The functionality of AP Domain peripherals includes the user interface; the connectivity, display, security,
and memory interfaces; and 128 Kbytes of multipurpose SRAM.
2.2
Shared Domain Overview
The shared domain is composed of the shared peripherals, a smart DMA engine (SDMA) and a number of
miscellaneous modules. For maximum flexibility, some peripherals are directly accessible by the SDMA
engine.
The i.MX35 has a hierarchical memory architecture including L1 caches and a unified L2 cache. This
reduces the bandwidth demands for the external bus and external memory. The external memory
subsystem supports a flexible external memory system, including support for SDRAM (SDR, DDR2 and
mobile DDR) and NAND Flash.
2.3
Advanced Power Management Overview
To address the continuing need to reduce power consumption, the following techniques are incorporated
in the i.MX35:
•
Clock gating
•
Power gating
•
Power-optimized synthesis
•
Well biasing
The insertion of gating into the clock paths allows unused portions of the chip to be disabled. Because
static CMOS logic consumes only leakage power, significant power savings can be realized.
“Well biasing” is applying a voltage that is greater than VDD to the nwells, and one that is lower than VSS
to the pwells. The effect of applying this well back bias voltage reduces the subthreshold channel leakage.
For the 90-nm digital process, it is estimated that the subthreshold leakage is reduced by a factor of ten
over the nominal leakage. Additionally, the supply voltage for internal logic can be reduced from 1.4 V to
1.22 V.
2.4
ARM11 Microprocessor Core
The CPU of the i.MX35 is the ARM1136JF-S core, based on the ARM v6 architecture. This core supports
the ARM Thumb® instruction sets, features Jazelle® technology (which enables direct execution of Java
byte codes) and a range of SIMD DSP instructions that operate on 16-bit or 8-bit data values in 32-bit
registers.
The ARM1136JF-S processor core features are as follows:
•
Integer unit with integral EmbeddedICE™ logic
•
Eight-stage pipeline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com