Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 76Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 77Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 78Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 79Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 80Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 81Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 82Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
79
4.9.13.3.7
Interface to a TV Encoder, Electrical Characteristics
The timing characteristics of the TV encoder interface are identical to the synchronous display
characteristics. See Section 4.9.13.1.5, “Interface to Active Matrix TFT LCD Panels, Electrical
Characteristics.”
4.9.13.4
Asynchronous Interfaces
This section discusses the asynchronous parallel and serial interfaces.
4.9.13.4.8
Parallel Interfaces, Functional Description
The IPU supports the following asynchronous parallel interfaces:
•
System 80 interface
— Type 1 (sampling with the chip select signal) with and without byte enable signals.
— Type 2 (sampling with the read and write signals) with and without byte enable signals.
•
System 68k interface
— Type 1 (sampling with the chip select signal) with or without byte enable signals.
— Type 2 (sampling with the read and write signals) with or without byte enable signals.
For each of four system interfaces, there are three burst modes:
1. Burst mode without a separate clock—The burst length is defined by the corresponding parameters
of the IDMAC (when data is transferred from the system memory) or by the HBURST signal
(when the MCU directly accesses the display via the slave AHB bus). For system 80 and system
68k type 1 interfaces, data is sampled by the CS signal and other control signals change only when
transfer direction is changed during the burst. For type 2 interfaces, data is sampled by the WR/RD
signals (system 80) or by the ENABLE signal (system 68k), and the CS signal stays active during
the whole burst.
2. Burst mode with the separate clock DISPB_BCLK—In this mode, data is sampled with the
DISPB_BCLK clock. The CS signal stays active during whole burst transfer. Other controls are
changed simultaneously with data when the bus state (read, write or wait) is altered. The CS
signals and other controls move to non-active state after burst has been completed.
3. Single access mode—In this mode, slave AHB and DMA burst are broken to single accesses. The
data is sampled with CS or other controls according to the interface type as described above. All
controls (including CS) become non-active for one display interface clock after each access. This
mode corresponds to the ATI single access mode.
Both system 80 and system 68k interfaces are supported for all described modes as depicted in Figure 54,
Figure 55, Figure 56, and Figure 57. These timing images correspond to active-low DISPB_Dn_CS,
DISPB_Dn_WR and DISPB_Dn_RD signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com