Electronic Components Datasheet Search
  English  ▼

X  

MPC5668X Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC5668X
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5668X Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC5668X Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
Electrical Characteristics
MPC5668x Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
33
5VDDSYN Current
VDD33 @ 3.0V–3.6 V
Run mode
Sleep mode
– Optional4 4–40 MHz osc enabled w/ no clock
– Optional4 4–40 MHz osc enabled w/ clock
IDDSYN
5
1
+150
+300
10
20
+350
+400
mA
μA
μA
μA
6VRC Current
VRC @ 3.135 V – 5.5 V
Run mode
Sleep mode
– Optional4 16MIRC enabled
IRC
1
0
+40
10
10
+60
mA
μA
μA
7VDD Current
VDD @ 1.08 V – 1.32 V
Run mode (Maximum @ 116 MHz)
Sleep mode
– Optional4 128KIRC enabled
– Optional4 16MIRC enabled
– Optional4 32 kHz osc enabled
– Optional4 4–40 MHz osc enabled w/ no clock
– Optional4 4–40 MHz osc enabled w/ clock
– Optional4 32 KB RAM
– Optional4 64 KB RAM
– Optional4 128 KB RAM
IDD
200
100
+5
+200
+5
+5
+150
+10
+20
+40
340
900
+10
+220
+20
+20
+200
+150
+300
+600
mA
μA
μA
μA
μA
μA
μA
μA
μA
μA
1 Typ – Nominal voltage levels and functional activity. Max – Maximum voltage levels and functional activity.
2 Static state of pins is when input pins are disabled or not being toggled and driven to a valid input level, output pins are not
toggling or driving against any current loads, and internal pull devices are disabled or not pulling against any current loads.
3 Dynamic current from pins is application-specific and depends on active pull devices, switching outputs, output capacitive and
current loads, and switching inputs. Refer to Table 10 for more information.
4 Optional currents are values that should be added to their respective current specifications to obtain the actual value for that
specification when the optional function is active. The plus sign (+) in the Typ and Max columns indicates these optional
currents. For example, VDDSYN in Sleep mode draws 1 .μA (typ). With the optional 4–40 MHz osc enabled w/ no clock, add
150 .
μA for a total of 151 .μA (typ).
Table 9. Operating Currents (continued)
Spec
Characteristic
Symbol
Typ1
25
°C
Ambient
Max1
–40–150
°C
Junction
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com