Electronic Components Datasheet Search
  English  ▼

X  

MPC5668X Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC5668X
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5668X Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5668X Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Electrical Characteristics
MPC5668x Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
35
4.7.1
I/O Pad VDD33 Current Specifications
The power consumption of the VDD33 supply is dependent on the usage of the pins on all I/O segments. The power consumption
is the sum of all input and output pin VDD33 currents for all I/O segments. The output pin VDD33 current can be calculated from
Table 11 based on the voltage, frequency, and load on all Pad F pins. The input pin VDD33 current can be calculated from
Table 11 based on the voltage, frequency, and load on all Pad MH pins. Use linear scaling to calculate pin currents for voltage,
frequency, and load parameters that fall outside the values given in Table 11.
Table 11. I/O Pad Average IDD33 Specifications
1
1 These are typical values that are estimated from simulation and not tested. Currents apply to output pins only.
Spec
Pad
Type2
2 Slow = SH or SHA; Medium = MH or MHA; Fast = F; Input = IHA. See Table 2.
Symbol
Period
(ns)
Load3
(pF)
3 All loads are lumped.
Drive
Select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
1
Slow
IDRV_SSR_HV
100
50
11
0.8
235.7
2
200
50
01
0.04
87.4
3
800
50
00
0.06
47.4
4
800
200
00
0.009
47
5
Medium
IDRV_MSR_HV
40
50
11
TBD
TBD
6
100
50
01
0.11
76.5
7
500
50
00
0.02
56.2
8
500
200
00
0.01
56.2
9
Input
IDRV_I_HV
70.5
N/A
TBD
TBD
Table 12. IDD33 Pad Average DC Current
1
1 These are typical values that are estimated from simulation and not tested. Currents apply to output pins only.
Spec
Pad
Type2
2 Slow = SH or SHA; Medium = MH or MHA; Fast = F; Input = IHA. See Table 2.
Symbol
Period
(ns)
Load3
(pF)
3 All loads are lumped.
VDD33
(V)
VDDE
(V)
Drive
Select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
1
Fast
IDRV_FC
10
50
3.6
3.6
11
3.32
11.77
2
10
30
3.6
3.6
10
2.28
7.07
3
10
20
3.6
3.6
01
1.73
5.75
4
10
10
3.6
3.6
00
1.39
4.77
5
10
50
3.6
2.75
11
2.3
7.81
6
10
30
3.6
2.75
10
1.64
4.96
7
10
20
3.6
2.75
01
1.37
4.31
8
10
10
3.6
2.75
00
1.06
4.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com