Electronic Components Datasheet Search
  English  ▼

X  

MPC5668X Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5668X
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5668X Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5668X Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5668X Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
Electrical Characteristics
MPC5668x Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
57
Figure 25. Media Local Bus (MLB) Timing
4.14.8
Fast Ethernet Interface
MII signals use CMOS signal levels compatible with devices operating at either 5.0 V or 3.3 V. Signals are not TTL compatible.
They follow the CMOS electrical characteristics.
4.14.8.1
MII Receive Signal Timing (RXD[3:0], RX_DV, RX_ER, and RX_CLK)
The receiver functions correctly up to a RX_CLK maximum frequency of 25 MHz +1%. There is no minimum frequency
requirement. In addition, the system clock frequency must exceed four times the RX_CLK frequency.
1 The Controller can shut off MLBCLK to place MLB in a low-power state.
2 Pulse width variation is measured at 1.25 V by triggering on one edge of MLBCLK and measuring the spread on the other
edge, measured in ns peak-to-peak (ns p-p).
3 The board must be designed to insure that the high-impedance bus does not leave the logic state of the final driven bit for this
time period. Therefore, coupling must be minimized while meeting the maximum capacitive load listed.
Table 33. MII Receive Signal Timing
Spec
Characteristic
Min
Max
Unit
M1
RXD[3:0], RX_DV, RX_ER to RX_CLK setup
5
—
ns
M2
RX_CLK to RXD[3:0], RX_DV, RX_ER hold
5
—
ns
M3
RX_CLK pulse width high
35%
65%
RX_CLK period
M4
RX_CLK pulse width low
35%
65%
RX_CLK period
MLBCLK
MLBSIG/
2
6
3
5
11
MLBDAT
(output)
10
4
valid data
valid data
MLBSIG/
MLBDAT
(input)
9
8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com