Electronic Components Datasheet Search
  English  ▼

X  

SLA6816MP Datasheet(PDF) 6 Page - Sanken electric

Part # SLA6816MP
Description  High Voltage 3-Phase Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6816MP Datasheet(HTML) 6 Page - Sanken electric

Back Button SLA6816MP Datasheet HTML 2Page - Sanken electric SLA6816MP Datasheet HTML 3Page - Sanken electric SLA6816MP Datasheet HTML 4Page - Sanken electric SLA6816MP Datasheet HTML 5Page - Sanken electric SLA6816MP Datasheet HTML 6Page - Sanken electric SLA6816MP Datasheet HTML 7Page - Sanken electric SLA6816MP Datasheet HTML 8Page - Sanken electric SLA6816MP Datasheet HTML 9Page - Sanken electric SLA6816MP Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
High Voltage 3-Phase Motor Driver
SLA6816MP
6
Leadform 2151
Leadform 2152
Leadform 2153
13579
11
13
15
17
19
21
23
2468
10
12
14
16
18
20
22
1
410
14
313
68
5
7
9
11
15
17
19
21
23
212
16
18
20
22
2
46
8
10
12
14
16
18
20
22
1
3
5
7
9
11
13
15
17
19
21
23
Pad Side
Pad Side
Pad Side
Terminal List Table
Number
Name
Function
1
U
Output of U phase
2
VB1
High side bootstrap terminal (U phase)
3
VB2
High side bootstrap terminal (V phase)
4
VB3
High side bootstrap terminal (W phase)
5
VCC1
High side logic supply voltage
6
COM1
High side logic GND terminal
7
HIN3
High side input terminal (W phase)
8
HIN2
High side input terminal (V phase)
9
HIN1
High side input terminal (U phase)
10
VBB1
Main supply voltage 1 (connect to VBB2 externally)
11
VBB2
Main supply voltage 2 (connect to VBB1 externally)
12
W1
Output of W phase (connect to W2 externally)
13
V
Output of V phase
14
W2
Output of W phase (connect to W1 externally)
15
LS2
Low side emitter terminal (connect to LS1 externally)
16
RCIN
Overcurrent protection hold time adjustment terminal
17
LS1
Low side emitter terminal (connect to LS1 externally)
18
LIN3
Low side input terminal (W phase)
19
LIN2
Low side input terminal (V phase)
20
LIN1
Low side input terminal (U phase)
21
COM2
Low side GND terminal
22
FO
Overcurrent protection fault-signal output terminal
23
VCC2
Low side logic supply voltage
Pin-out Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com