Electronic Components Datasheet Search
  English  ▼

X  

SLA6816MP Datasheet(PDF) 1 Page - Sanken electric

Part # SLA6816MP
Description  High Voltage 3-Phase Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6816MP Datasheet(HTML) 1 Page - Sanken electric

  SLA6816MP Datasheet HTML 1Page - Sanken electric SLA6816MP Datasheet HTML 2Page - Sanken electric SLA6816MP Datasheet HTML 3Page - Sanken electric SLA6816MP Datasheet HTML 4Page - Sanken electric SLA6816MP Datasheet HTML 5Page - Sanken electric SLA6816MP Datasheet HTML 6Page - Sanken electric SLA6816MP Datasheet HTML 7Page - Sanken electric SLA6816MP Datasheet HTML 8Page - Sanken electric SLA6816MP Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
28610.04
Description
The SLA6816MPinverter power module (IPM) device provides
a robust, highly-integrated solution for optimally controlling
3-phase motor power inverter systems and variable speed
control systems used in energy-conserving designs to drive
motors of residential and commercial appliances. These ICs
take 230 VAC input voltage, and 3 A (continuous) output
current. They can withstand voltages of up to 600 V (IGBT
breakdown voltage).
The SMA6800MP power package includes an IC with all of the
necessary power elements (six IGBTs), pre-driver ICs (two),
and flyback diodes (six), needed to configure the main circuit
of an inverter. This enables the main circuit of the inverter to
be configured with fewer external components than traditional
designs.
Applications include residential white goods (home
applications) and commercial appliance motor control:
• Air conditioner fan
• Refrigerator compressor
• Dishwasher pump
SLA6816MP
Features and Benefits
▪ Built-in pre-drive IC
▪ IGBT power element
▪ Alleviate noise generation by adjusting an internal resistor
▪ CMOS compatible input (5 V)
▪ High-side gate driver using bootstrap circuit or floating
power supply
▪ Built-in protection circuit for controlling power supply
voltage drop
▪ Overcurrent protection circuit (OCP)
▪ Output of fault signal during operation of protection circuit
▪ Output current 3 A
▪ Small SIP (SLA 23-pin)
High Voltage 3-Phase Motor Driver
Figure 1. Driver block diagrams.
Functional Block Diagram
Not to scale
Low-Side Driver
DELA Y
DELA Y
DELA Y
VC C
LIN1
UV
DETEC T
OC P
BLANK
TIMER
and
HOLD
LIN2
LIN3
RS
LO 1
LO 2
LO 3
CO M
RC
FO (TOTEM POLE)
VTRIP
PU LSE
FILTER
UV
DETEC T
R
R
S
Q
PU LSE
PU LSE
GEN ER A TO R
VB
HO
HS
CO M
VC C
HIN
HV
LEV EL
SHIFT
High-Side Driver
Leadform
2152 (IEC)
Leadform
2151
Leadform 2153
Packages: Power SIP


Similar Part No. - SLA6816MP

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6805MH SANKEN-SLA6805MH Datasheet
846Kb / 37P
600 V, 3 A High Voltage 3-phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SLA6805MP ALLEGRO-SLA6805MP Datasheet
423Kb / 13P
High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
High Voltage 3-Phase Motor Drivers
SLA6820MH SANKEN-SLA6820MH Datasheet
751Kb / 18P
250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
More results

Similar Description - SLA6816MP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
High Voltage 3 Phase Motor Driver
logo
Sanken electric
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
High Voltage 3-Phase Motor Driver
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
High Voltage 3-Phase Motor Driver
SCM1103M SANKEN-SCM1103M Datasheet
403Kb / 12P
High Voltage 3 Phase Motor Driver
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
High Voltage 3-Phase Motor Driver
SMA6843MP SANKEN-SMA6843MP Datasheet
261Kb / 13P
High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com