Electronic Components Datasheet Search
  English  ▼

X  

SLA6816MP Datasheet(PDF) 4 Page - Sanken electric

Part # SLA6816MP
Description  High Voltage 3-Phase Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6816MP Datasheet(HTML) 4 Page - Sanken electric

  SLA6816MP Datasheet HTML 1Page - Sanken electric SLA6816MP Datasheet HTML 2Page - Sanken electric SLA6816MP Datasheet HTML 3Page - Sanken electric SLA6816MP Datasheet HTML 4Page - Sanken electric SLA6816MP Datasheet HTML 5Page - Sanken electric SLA6816MP Datasheet HTML 6Page - Sanken electric SLA6816MP Datasheet HTML 7Page - Sanken electric SLA6816MP Datasheet HTML 8Page - Sanken electric SLA6816MP Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
High Voltage 3-Phase Motor Driver
SLA6816MP
4
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, CC ≤ 2200 pF, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Logic Supply Voltage
VCC
Between VCC and COM
13.5
15
16.5
V
Logic Supply Current
ICC
VCC = 15 V
–
4
6
mA
Input Voltage
VIH
VCC = 15 V, output on
–
2.0
2.5
V
VIL
VCC = 15 V, output off
1.0
1.5
–
V
Input Voltage Hysteresis
VIhys
VCC = 15 V
–
0.5
–
V
Input Current
IIH
High side, VCC = 15 V, VIN = 5 V
–
50
100
μA
IIL
Low side, VCC = 15 V, VIN = 0 V
–
–
2
μA
Undervoltage Lock Out
VUVHL
High side, between VB and U, V, or W
9.0
10.0
11.0
V
VUVHH
9.5
10.5
11.5
V
VUVHhys
High side, hysteresis
–
0.5
–
V
VUVLL
Low side, between VB and U, V, or W
10.0
11.0
12.0
V
VUVLH
10.5
11.5
12.5
V
VUVLhys
Low side, hysteresis
–
0.5
–
V
FO Terminal Output Voltage
VFOL
VCC = 15 V
0
–
1.0
V
VFOH
4.5
–
5.5
V
Overcurrent Protection Trip Voltage
VTRIP
VCC = 15 V
0.45
0.50
0.55
V
Overcurrent Protection Hold Time
tp1
VRC = 15 V, RC = 1 MΩ, CC = 1000 pF
–
260
–
μs
tp2
VRC = 5 V, RC = 330 kΩ, CC = 2200 pF
–
870
–
μs
Blanking Time
tblank
VCC = 15 V
–
2
–
μs
IGBT Breakdown Voltage
VCES
VCC = 15 V, IC = 1 mA, VIN = 0 V
600
–
–
V
IGBT Leakage Current
ICES
VCC = 15 V, VCE = 600 V, VIN = 0 V
–
–
1
mA
IGBT Saturation Voltage
VCE(sat)
VCC = 15 V, IC = 3 A, VIN = 5 V
–
1.75
2.1
V
Diode Forward Voltage
VF
VCC = 15 V, IF = 3 A, VIN = 0 V
–
1.65
2.0
V
Diode Recovery Time
trr
IF = 3 A, di / dt = 100 A/μs
–
50
–
ns
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, IC = 3 A, 0 V ≤ VIN ≤ 5 V,
inductive load
–
420
–
ns
trH
–80–
ns
tdH(off)
–
420
–
ns
tfH
–
180
–
ns
Switching Time, Low Side
tdL(on)
–
460
–
ns
trL
–
100
–
ns
tdL(off)
–
420
–
ns
tfL
–
180
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com